Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7639 Datasheet(PDF) 2 Page - EPCOS

Part # B7639
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7639 Datasheet(HTML) 2 Page - EPCOS

  B7639 Datasheet HTML 1Page - EPCOS B7639 Datasheet HTML 2Page - EPCOS B7639 Datasheet HTML 3Page - EPCOS B7639 Datasheet HTML 4Page - EPCOS B7639 Datasheet HTML 5Page - EPCOS B7639 Datasheet HTML 6Page - EPCOS B7639 Datasheet HTML 7Page - EPCOS B7639 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Aug 31, 2005
SAW Components
B7639
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip Sized SAW Package QCS9L
bottom view
side view
top view
3,0
0,5
3
21
6
7
5
1,1
9
0,65
Features
s
Low-loss duplexer for cellular band mobile tele-
phone systems
s
fully matched by integrated matching network
s
Package for Surface Mounted Technology
(SMT)
s
Small size and low height
s
Balanced Rx port, single ended Tx port
s
Impedance transformation from 50
Ω to 100 Ω
in Rx path
Dimensions in mm, approx. weight 0,035 g
Pin configuration
3
se. TX Input
1,8
bal. RX Output
6
Antenna
2, 4, 5, 7, 9
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7639
B39881-B7639-P710
C61157-A3-A19
F61074-V8211-Z000
Maximum ratings
Operating temperature range
T
– 25/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
1001)
V
Input power max.
824,0 ... 849,0 MHz
elsewhere
PIN
27
10
dBm
dBm
source and load impedance 50
continuous wave
T = 55˚C, 50.000 h
1) -acc. toJESD22-115A (Machine Model), 10 negatie & 10 positive pulses
3
1
8
4,5,9
6
2,7
}


Similar Part No. - B7639

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
More results

Similar Description - B7639

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7637 EPCOS-B7637 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7638 EPCOS-B7638 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com