Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130-ATB5R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM7130-ATB5R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-ATB5R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM7130-ATB5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-ATB5R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ELECTRICAL CHARACTERISTICS: GM7130-3.3
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage - GM7130
Efficiency
V = 12V, I
= 0.5A
IN
LOAD
V = 12V, I
= 3.0A
IN
LOAD
V
OUT
V
OUT
h
3.234
3.168/ 3.135
-
3.3
3.3
75
3.366
3.432/ 3.465
-
V
%
V
6V
V
40V, 0.5A I
3.0A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Efficiency
V = 12V, I
= 0.5A
IN
LOAD
8V
V
40V, 0.5A I
3.0A
IN
LOAD
V = 12V, I
= 3.0A
IN
LOAD
V
OUT
V
OUT
h
4.900
4.800/ 4.750
-
5.0
5.0
77
5.100
5.200/ 5.250
-
V
%
V
ELECTRICAL CHARACTERISTICS: GM7130-5.0
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Efficiency
V = 25V, I
= 0.5A
IN
LOAD
V = 15V, I
= 3.0A
IN
LOAD
V
OUT
V
OUT
h
11.76
11.52/ 11.40
-
12.0
12.0
88
12.24
12.48/ 12.60
-
V
%
V
ELECTRICAL CHARACTERISTICS: GM7130-12
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
15V
V
40V, 0.5A I
3.0A
IN
LOAD
ELECTRICAL CHARACTERISTICS: GM7130-15
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage - GM7130
Efficiency
V =
V, I
= 0.5A
IN
LOAD
25
V
OUT
V
OUT
h
14.70
14.40/14.25
-
15.0
15.0
88
15.30
15.60/ 15.75
-
V
%
V
18V V
40V, 0.5A I
3.0A
IN
LOAD
4
Output Voltage - GM7130
Output Voltage - GM7130
V = 18V, I
= 3.0A
IN
LOAD
A
A
MICROELECTRONICS
GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Power Management


Similar Part No. - GM7130-ATB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-ATB5BT ETC1-GM7130-ATB5BT Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-ATB5BT GAMMA-GM7130-ATB5BT Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130-ATB5T ETC1-GM7130-ATB5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-ATB5T GAMMA-GM7130-ATB5T Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-ATB5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com