Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66500-3.3TA3T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM66500-3.3TA3T
Description  5A ULTRA LOW - DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66500-3.3TA3T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM66500-3.3TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66500-3.3TA3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Input Capacitor
An input capacitor of 1µF or greater is recommended
when the device is more than 4 inches away from the
bulk as supply capacitance, or when the supply is a
battery. Small surface mount ceramic chip capacitors
can be used for the bypassing. Larger values will help
to improve ripple rejection by bypassing the input to the
regulator, further improving the integrity of the output
voltage.
Transient Response and 3.3V to 2.5V and 2.5V to
1.8V Conversions
The GM66500 series has excellent transient response
to variations in input voltage and load current. The
device has been designed to respond quickly to load
current variations and input voltage variations. Large
output capacitors are not required to obtain this
performance. A standard 47µF output capacitor,
preferably tantalum, is all that is required. Larger
values improve performance even further.
By virtue of its low-dropout voltage, this device does
not saturate into dropout as readily as similar NPN-
based designs. When converting from 3.3V to 2.5V or
2.5V to 1.8V, the NPN-based regulators are already
operating in dropout, with typical dropout requirements
of 1.2V or greater. To convert down to 2.5V without
operating in dropout, NPN-based regulators require an
input voltage of 3.7V at the very least.
The GM66500 series regulator will provides excellent
performance with an input as low as 3.0V or 2.5V
respectively. This gives the PNP-based regulators a
distinct advantage over older, NPN-based linear
regulators. A typical NPN regulator does not have the
headroom to do this conversion.
Minimum Load Current
The GM66500 series regulator is specified between
finite loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A
10mA minimum load current is necessary for proper
regulation.
Error Flag
The GM66500 series version features an error flag
circuit which monitors the output voltage and signals
an error condition when the voltage 5% below the
nominal output voltage.
The error flag is an open-collector output that can
sink 10mA during a fault condition. Low output
voltage can be caused by a number of problems,
including an overcurrent fault (device in current limit)
or low input voltage. The flag is inoperative during
overtemperature shutdown. When the error flag is
not used, it is best to leave it open. The flag pin can
be tied directly to pin 4, the output pin.
Enable Input
The GM66500 series version features an enable
input for on/off control of the device. Its shutdown
state draws "zero" current. The enable input is
TTL/CMOS compatible for simple logic interface, but
can be connected to up to 20V. When enabled, it
draws approximately 15µA.
A
A
MICROELECTRONICS
GM66500 SERIES
5A ULTRA LOW - DROPOUT REGULATOR
Power Management


Similar Part No. - GM66500-3.3TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-1.8ST25RG GAMMA-GM6655-1.8ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.0ST25RG GAMMA-GM6655-2.0ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.5ST25RG GAMMA-GM6655-2.5ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.7ST25RG GAMMA-GM6655-2.7ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - GM66500-3.3TA3T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5950 ANPEC-APL5950 Datasheet
385Kb / 22P
   5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com