Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1431AST23RL Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM1431AST23RL
Description  ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1431AST23RL Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM1431AST23RL Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AST23RL Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The GM1431 is a three terminal adjustable shunt regulator
with thermal stability guaranteed over temperature. Output
voltage can be adjusted to any value between 2.5V (V
)
ref
and 36V by using two external resistors. The GM1431 has
a typical dynamic output impedance of 0.2W. Active output
circuitry provides a very unique turn on characteristic, mak-
ing the GM1431
an excellent tum on replacement for
zener diodes in many applications such as onboard regula-
tion and adjustable power supplies. The GM1431 is an
ideal voltage reference for 3.0 to 3.3V switching power sup-
plies.
The GM1431 shunt regulator is available with 3 voltage tol-
erances, 0.5%, 1.0% and 2.0% over T = 0°C to + 70°C,
A
and four package options (SOT-23, TO-92, SOT-89 and
SOP-8). Whatever your application is, the GM1431 offers
the optimum combination of performance, reliability, and
economy.
LOGIC SYMBOL
Application
Switching power supplies
Linear regulators
Adjustable supplies
Battery-operated computers
Computer disk drives
Instrumentation
BLOCK DIAGRAM (POSITIVE LOGIC)
CATHODE
REFERENCE
ANODE
+
_
V
ref
CATHODE
REFERENCE
ANODE
Features
Sink Current Capability 1 mA to 100mA
Low dynamic output impedance, 0.2W typ.
0.5%, 1% or 2% reference voltage tolerance
Temperature range 0°C to+ 70 °C
Available in SOT-23, TO-92, SOT-89 and
SOP- 8 packages
Alternate for TL431, TL431, LM431 & AS431
www.gammamicro.com
1
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM1431AST23RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AST23R ETC-GM1431AST23R Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results

Similar Description - GM1431AST23RL

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com