Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-2.8T92RL Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6251-2.8T92RL
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251-2.8T92RL Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6251-2.8T92RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6251-2.8T92RL Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Parameter
Symbol
Min
Typ
Max
Unit Circuit
Condition
Output Current Limit
1.0
500
-
mA
Supply Current
ISS
V
= 2.8V
IN
V
= 3.5V
IN
V
= 3.7V
IN
V
= 3.8V
IN
V
= 4.0V
IN
V
= 4.2V
IN
V
= 4.3V
IN
V
= 4.5V
IN
V
= 4.6V
IN
V
= 5.0V
IN
V
= 5.4V
IN
V
= 5.5V
IN
V
= 6.0V
IN
2.9
µA
2
Input Voltage
Output Voltage
Temperature Characteristics
VIN
DVOUT
DTopr • VOUT
I
= 40mA
OUT
2.8V
V
10.0V
IN
I
= 40mA
OUT
3.5V
V
10.0V
IN
I
= 40mA
OUT
3.7V
V
10.0V
IN
I
= 40mA
OUT
3.8V
V
10.0V
IN
I
= 40mA
OUT
4.0V
V
10.0V
IN
I
= 40mA
OUT
4.2V
V
10.0V
IN
I
= 40mA
OUT
4.3V
V
10.0V
IN
I
= 40mA
OUT
4.5V
V
10.0V
IN
I
= 40mA
OUT
4.6V
V
10.0V
IN
I
= 40mA
OUT
5.0V
V
10.0V
IN
I
= 40mA
OUT
5.4V
V
10.0V
IN
I
= 40mA
OUT
5.5V
V
10.0V
IN
I
= 40mA
OUT
6.0V
V
10.0V
IN
I
= 10mA
OUT
-30°C
Topr 80°C
0.2
0.3
%/ V
1
10
V
-
±100
ppm/°C
1
Input Stability
DVOUT
DVIN • VOUT
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-2.8V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
GM6251-2.8V
7
Note: 1. V
(T) = Specified Output Voltage
OUT
2. V
(E) = Effective Output Voltage (the output voltage when"V
(T) + 1.0V" is provided at the V
pin while
OUT
OUT
IN
maintaining a certain I
value)
OUT
3. Vdif = { V 1 (Note 4) - V
(E)}
IN
OUT
4. V 1 = The input voltage at the time 98% of V
(E) is output (input voltage has been gradually reduced).
IN
OUT
* Output Voltage from 1.8V to 6.0V in 0.1V increments ate available


Similar Part No. - GM6251-2.8T92RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251-2.8T92RL ETC2-GM6251-2.8T92RL Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-2.8T92RL GAMMA-GM6251-2.8T92RL Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-2.8T92RL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com