Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9824ACU Datasheet(PDF) 1 Page - Exar Corporation

Part # XRD9824ACU
Description  14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9824ACU Datasheet(HTML) 1 Page - Exar Corporation

  XRD9824ACU Datasheet HTML 1Page - Exar Corporation XRD9824ACU Datasheet HTML 2Page - Exar Corporation XRD9824ACU Datasheet HTML 3Page - Exar Corporation XRD9824ACU Datasheet HTML 4Page - Exar Corporation XRD9824ACU Datasheet HTML 5Page - Exar Corporation XRD9824ACU Datasheet HTML 6Page - Exar Corporation XRD9824ACU Datasheet HTML 7Page - Exar Corporation XRD9824ACU Datasheet HTML 8Page - Exar Corporation XRD9824ACU Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
XRD9824
14-Bit Linear CIS/CCD Sensor
Signal Processor with Serial Control
May 2000-3
FEATURES
· 14-Bit Resolution, No Missing Codes
· One-channel 6MSPS Pixel Rate
· Triple-channel 2MSPS Pixel Rate
· 6-Bit Programmable Gain Amplifier
· 8-Bit Programmable Offset Adjustment
· CIS or CCD Compatibility
· Internal Clamp for CIS or CCD AC Coupled
Configurations
· 5V Operation
· Serial Load Control Registers
· Low Power CMOS: 200mW-typ
· Low Cost 20-Lead Packages
· USB Compliant
APPLICATIONS
· Color and Grayscale Flatbed Scanners
· Color and Grayscale Sheetfed Scanners
· Multifunction Peripherals
· Digital Color Copiers
· General Purpose CIS or CCD Imaging
· Low Cost Data Acquisition
· Simple and Direct Interface to Canon 600 DPI
Sensors
ORDERING INFORMATION
Package Type
Temperature Range
Part Number
20-Lead SOIC
0°C to +70°C
XRD9824ACD
20-Lead SSOP
0°C to +70°C
XRD9824ACU
GENERAL DESCRIPTION
The XRD9824 is a complete linear CIS or CCD sensor
signal processor on a single monolithic chip. The
XRD9824 includes a high speed 14-bit resolution
ADC, a 6-bit Programmable Gain Amplifier with gain
adjustment of 1 to 10, and 8-bit programmable input
referred offset calibration range of 800mV.
In the CCD configuration the input signal is AC
coupled with an external capacitor. An internal clamp
sets the black level. In the CIS configuration, the
clamp switch can be disabled and the CIS output
signal is DC coupled from the CIS sensor to the
XRD9824. The CIS signal is level shifted to VRB in
order to use the full range of the ADC. In the CIS
configuration the input can also be AC coupled similar
to the CCD configuration. This enables CIS signals
with large black levels to be internally clamped to a DC
reference equal to the black level. The DC reference
is internally subtracted from the input signal.
The CIS configuration can also be used in other
applications that do not require CDS function, such as
low cost data acquisition.
Rev. 2.00


Similar Part No. - XRD9824ACU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACD EXAR-XRD9825ACD Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACU EXAR-XRD9825ACU Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results

Similar Description - XRD9824ACU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
   12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
   8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com