Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78L05T92RL Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM78L05T92RL
Description  POSITIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM78L05T92RL Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM78L05T92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 12Page - Gamma Microelectronics Inc. GM78L05T92RL Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
APPLICATION INFORMATION
Design Considerations
The GM78L00 series regulators have thermal overload
protection from excessive power, internal short-circuit
protection limits each circuit's maximum current, and
output transistor safe-area protection for reducing the
output current as the voltage across each pass transis-
tor is increased.
Although the internal power dissipation is limited, the
junction temperature must be kept below the maximum
specified temperature (125°C) in order to meet data
sheet specifications.
Thermal Considerations
The TO-92 molded package is capable of unusual high
power dissipation due to the lead frame design.
However, its thermal capabilities are generally over-
looked because of a lack of understanding of the ther-
mal paths from the semiconductor junction to ambient
temperature.
While thermal resistance is normally specified for the
device mounted 1cm above an infinite heat sink, very
little has been mentioned of the options available to im-
prove the conservatively rated thermal capability. An ex-
planation of the thermal paths of the TO-92 will allow
the designer to determine the thermal stress which is
applying in any given application.
The TO-92 Package
The TO-92 package thermal paths are complex. In addi-
tion to the path through the molding compound to ambi-
ent temperature, there is another path through the
leads, in parallel with the case path, to ambient tem-
perature, as shown in Figure 5.
The total thermal resistance in this model is then:
Where:
q
= thermal resistance of the case between the reg-
JC
ulator die and a point on the case directly above the
die location.
q
= thermal resistance between the case and air at
CA
ambient temperature.
q
= thermal resistance from regulator die through
JL
the input lead to a point 1/16 inch below the regula-
tor case.
q
= total thermal resistance of the input/output
LA
ground leads to ambient temperature.
q
= junction to ambient thermal resistance.
JA
JA
=
( JA + CA)( JL +
LA
)
JA
+
CA
+ JL + LA
CA
JC
JL
LA
TJ
P (W)
E
TA
Figure 5. TO-92 Thermal Equivalent Circuit


Similar Part No. - GM78L05T92RL

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM78L05 GTM-GM78L05 Datasheet
315Kb / 6P
   POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L05-S8 ETC1-GM78L05-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L05-ST89 ETC1-GM78L05-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L05-T92 ETC1-GM78L05-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L05T92RL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com