Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130-5.0TB5BT Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM7130-5.0TB5BT
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-5.0TB5BT Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM7130-5.0TB5BT Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-5.0TB5BT Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS (Top View)
TO-220-5
2
Feedback
Ground
Output
VIN
ON/OFF
GM7130
V VAYWW
V V, VVV = Output Voltage (33 = 3.3V, 120= 12V, A =A dj )
A
= Assembly Location
Y
=Year
W W
=Weekly
GM7130-ATA5T
GM7130-3.3TA5T
GM7130-5.0TA5T
GM7130-12TA5T
GM7130-15TA5T
GM7130-ATB5T
GM7130-3.3TB5T
GM7130-5.0TB5T
GM7130-12TB5T
GM7130-15TB5T
GM7130-ATB5BT
GM7130-3.3TB5BT
GM7130-5.0TB5BT
GM7130-12TB5BT
GM7130-15TB5BT
GM7130-ATA5R
GM7130-3.3TA5R
GM7130-5.0TA5R
GM7130-12TA5R
GM7130-15TA5R
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
A d j
3.3
5.0
12
15
5.0
12
15
5.0
12
15
5.0
12
15
3.3
3.3
3.3
A d j
A d j
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
Output Voltage
Package
Shipping
Ordering Number
ORDERING INFORMATION
A d j
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
2
TO-263-5(D PAK)
GM7130
VVAYWW
ON/OFF
Feedback
Ground
Output
VIN
* TB5B: Bent and Staggered Leads of TO-220 package
ON/OFF
Feedback
Ground
Output
VIN
TO-220- 5B
GM7130
VVAYWW
1 2 3 4 5
** For detail Ordering Number identification, please see last page.
A
A
MICROELECTRONICS
GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Power Management
.
.
.


Similar Part No. - GM7130-5.0TB5BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-5.0TB5BT ETC1-GM7130-5.0TB5BT Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
More results

Similar Description - GM7130-5.0TB5BT

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com