Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66150-1.5TA3T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66150-1.5TA3T
Description  1.5A ULTRA LOW-DROPOUT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-1.5TA3T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66150-1.5TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-1.5TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
Unless otherwise specified: T = 25°C; Bold values are guaranteed across the operating temperature range.
J
Adjustable versions are programmed to 5.0V.
Parameter
Conditions
Min
Typ
Max
Unit
Line Regulation
Load Regulation (Note 2, 6)
Output Voltage change with
Temperature Coef. (Note 6)
Dropout Voltage
Ground Current
Ground Pin Current at Dropout I
GNDDO
Current Limit
Output Voltage
(Note2)
I
= 10 mA
O
V
= V
+ 5V, 10mA
I
I
IN
OUT
OUT
FL
DV/ DT
OUT
DV
-1% (Note 3)
=
OUT
I = 100mA
O
I = 750mA
O
I = 1.5A
O
I = 750mA, V
= V
+ 1V
O
IN
OUT
I = 1.5A
O
-1
-2
0.06
0.20
20
80
220
350
8
22
2.0
2.1
1
2
0.5
1.0
100
200
600
20
3.5
%
%
%
ppm/°C
mV
mA
A
%
V
= 0.5V less than specified V
, I
= 10mA
IN
OUT
OUT
V
,= 0V (Note 4)
OUT
mA
Output Noise Voltage e , (10Hz to 100Hz)
n
I
= 100mA
O
Reference Voltage
Reference Voltage
C = 10µF
L
C = 33
L
µF
(Note 8)
400
260
1.240
1.277
µV (rms)
V
V
V
Reference GM66152
1.228
1.215
1.252
1.265
1.203
Adjust Pin Bias Current
40
nA
80
120
Reference Voltage change with
Temperature Coef.
Adjust Pin Bias Current change with
Temperature
Output Leakage Current
Output Low Voltage
Upper Treshold Voltage
Lower Treshold Voltage
Hysteresis
Input Logic Voltage
Low (OFF)
High (ON)
(Note 7)
20
0.1
0.01
220
60
75
15
2.4
ppm/°C
nA/°C
Flag Output (Error Comparator) GM66151/ GM66153
V
= 26V
OH
Device set for 5V, V = 4.5V
IN
I
= 250
OL
µA
Device set for 5V(Note 9)
Device set for 5V(Note 9)
Device set for 5V(Note 9)
1
2
300
400
µA
40
25
mV
95
140
mV
mV
V
mV
Enable Input GM66151 / GM66152
0.8
Enable Pin Input Current
100
V
= 26V
EN
600
750
V
= 0.8V
EN
2.5
5.0
µA
µA
Regulator Output Current In Shutdown
10
(Note10)
500
10mA
I
I ,(V
+ 1V) V
26V
O
FL
OUT
IN
I = 10mA, (
O
V
+ 1V) V
26V
OUT
IN
µA
6


Similar Part No. - GM66150-1.5TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-1.5TA3T GAMMA-GM66150-1.5TA3T Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.5TA3TG GAMMA-GM66150-1.5TA3TG Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66150-1.5TA3T

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
   Maximum 1.5A, Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com