Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66102-1.5TB3T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM66102-1.5TB3T
Description  1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66102-1.5TB3T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM66102-1.5TB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66102-1.5TB3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TO-252 PACKAGE OUTLINE DIMENSIONS
6.50 ± 0.05
5.340 ± 0.05
29° ± 0.5°
REF 0.6
6.10 ± 0.05
7.20 ± 0.05
0.75 ± 0.10
0.89 ± 0.05
0.81 ± 0.038
2.30 ± 0.05
0.508 ± 0.0127
0.070 ± 0.05
1.0 ± 0.05
0.75 ± 0.10
1.525 ± 0.10
2.70 ± 0.10
9.900
R0.15 max
Unit: mm
R 0.25 ± 0.13
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3
Pad Layout
0.244
6.20
0.228
5.80
0.118
3.0
0.063
1.6
0.243
6.172
0.101
2.58
Inches
mm
(
)


Similar Part No. - GM66102-1.5TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66102S8RG GAMMA-GM66102S8RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66102-1.5TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com