Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6605-ATA3R Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6605-ATA3R
Description  5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-ATA3R Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6605-ATA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6605-ATA3R Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Typical Performance Characteristics
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0 0.30 0.60 0.90 1.20 1.50 1.80 2.10 2.40 2.70 300
Qutput Current(A)
Figure 3. Dropout Voltage vs. Output Current
+0.3
+0.2
+0.1
0
-0.1
-0.2
-0.3
0
30
60
90
120
T°C
J
Figure 4. Bandgap Reference Voltage Deviation
vs. Temperature
90
80
70
60
50
40
30
20
10
1
2
3
4
5
6
10
10
10
10
10
10
Figure 5. Ripple Rejection vs. Frequency
0.65
0.60
0.55
0.50
0.45
0.40
1
2
3
4
5
6
7
8
V
- V
IN
OUT(V)
Figure 6. Minimum Load Current vs.
V
- V
IN
OUT(V)
Frequency(Hz)
T
= 0°C
CASE
T
= 25°C
CASE
T
= 125°C
CASE
T
= 0°C
CASE
T
= 25°C
CASE
T
= 125°C
CASE


Similar Part No. - GM6605-ATA3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-ATA3R ETC1-GM6605-ATA3R Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-ATA3R GAMMA-GM6605-ATA3R Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-ATA3RG GAMMA-GM6605-ATA3RG Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6605-ATA3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com