Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130-5.0TB5T Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM7130-5.0TB5T
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-5.0TB5T Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM7130-5.0TB5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 13Page - Gamma Microelectronics Inc. GM7130-5.0TB5T Datasheet HTML 14Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Inductor Value
47µH
68µH
100µH
150µH
220µH
330µH
470µH
680µH
Inductor Selection by Manufacturer's Part Numbe.
Capacitor Value
220µF
470µF
680µF
1000µF
100µF
3L Electronic Corp.
TC-470M-3A-5026
TC-680M-3A-5026
TC-101M-3A-5026
TC-151M-3A-8026
TC-221M-3A-8026
TC-331M-3A-8026
TC-471M-3A-8026
TC-681M-3A-8026
1000µH
1500µH
TC-102M-3A-9426
TC-152M-3A-9426
3L Electronic Corp., + 886(2) 86659999
Website : www.3lcoil.com.tw
Capacitor Selection by Manufacturer's Part Number
Nippon ChemiI - Con Corp.
KY50VB100-MH11
KY50VB220-MJ16
KY50VB470-MJ30
KY50VB680-MK30
KY50VB1000-ML25
Nippon Chemi-Con Corp. , + 81(3)54367628
Website : www.chemi-con.co.jp
A
A
MICROELECTRONICS
GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Power Management


Similar Part No. - GM7130-5.0TB5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-5.0TB5T ETC1-GM7130-5.0TB5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
More results

Similar Description - GM7130-5.0TB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com