Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-2.7T92B Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM6251-2.7T92B
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251-2.7T92B Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM6251-2.7T92B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 12Page - Gamma Microelectronics Inc. GM6251-2.7T92B Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
PERFORMANCE CHARACTERISTICS FOR GM6251- 3.0
6
4
2
0
-2
-4
-6
Time (0.4msec/ div)
Figure 7: Input Transient Response 1
Figure 8: Input Transient Response 2
6
5
4
3
2
1
Time (1msec/ div)
6
5
4
3
2
1
0
5.0
4.5
4.0
3.5
3.0
2.5
Input Voltage
Output Voltage
I
= 1mA
OUT
C =1µF
L
60
50
40
30
20
10
0
0.01
0.1
1
10
V = 4V
+1V
AC
IN
DC
P-P
I
= 40mA, C = 1µF
OUT
L
Input Voltage
Output Voltage
Figure 9: Ripple Rejection Rate
Ripple Frequency: f (kHz)
I
= 1mA
OUT
C =1µF
L
TO-92 PACKAGE OUTLINE DIMENSIONS
4.6 ± 0.1
4.6 ± 0.1
2.3
3 - 0.46
1.45 ± 0.1
14.5 ± 0.5
1.27 1.27
3.6 ± 0.15
0.38 ± 0.015
3.6 ± 0.15
1.3 ± 0.1
Unit: mm


Similar Part No. - GM6251-2.7T92B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251-2.7T92B ETC2-GM6251-2.7T92B Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-2.7T92B GAMMA-GM6251-2.7T92B Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-2.7T92B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com