Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7230-ATB5T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM7230-ATB5T
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-ATB5T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM7230-ATB5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM7230-ATB5T Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics
Figure 2. Switch Saturation Voltage
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0
1
2
3
4
SWITCH CURRENT (A)
V
= 12V
IN
T = - 40°C
J
25°C
125 °C
5.5
5.0
4.5
4.0
3.5
-50
-25
0
25
50
75
100
125
V
= 12V
IN
V
= 5V
OUT
JUNCTION TEMPERATURE (°C)
Figure 3. Switch Current Limit
1.6
1.4
1.2
1.0
0.8
0.6
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
Figure 4. Dropout Voltage
L = 33 µH
R
= 0.04W
IND
V
= V
-50mV
OUT
REG
I
= 3A
LOAD
I
= 1A
LOAD
24
20
16
12
8
4
0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
Figure 5. Operating Quiescent Current
4.5V < V
< 40V
IN
SWITCH = 0
Switch ON
Switch OFF
120
100
80
60
40
20
0
0
10
20
30
40
T = 25°C
J
T = -40
J
°C AND 125°C
V
= 5V
ON / OFF
SUPPLY VOLTAGE (V)
Figure 6. Shutdown Quiescent Current
5
4
3
2
1
0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
Figure 7. Minimum Operating Supply Voltage
V
= 1.23V
OUT
I
= 120 mA
LOAD
8
A
A
MICROELECTRONICS
GM7230
3A STEP-DOWN VOLTAGE REGULATOR
Power Management


Similar Part No. - GM7230-ATB5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-ATB5T ETC2-GM7230-ATB5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-ATB5T GAMMA-GM7230-ATB5T Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-ATB5T GAMMA-GM7230-ATB5T Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-ATB5TG GAMMA-GM7230-ATB5TG Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7230-ATB5T

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com