Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM431BST89B Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM431BST89B
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431BST89B Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM431BST89B Datasheet HTML 2Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431BST89B Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM431C (2.0%)
NOTES:
(1) See test circuit 1.
(2) See test circuit 2.
(3) See test circuit 3.
TEST CIRCUITS
VIN
VKA
lk
Test Circuit 1
V
= V
KA
ref
lref
R2
VIN
VKA
R1
Vref
lref
Test Circuit 2
V
> V
KA
ref
l (off)
k
VIN
VKA
Test Circuit 3
Off-State
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
Vref
(1)
V
= V
, I = 10 mA, T = 25°C
KA
ref
K
A
2.45
2.500
2.55
V
(1)
V
=V
,I =10 mA,T = 0 to 70°C
KA
ref K
A
V
temp deviation
ref
Vdev
(1)
V
= V
, I = 10 mA , T = full range
KA
ref
K
A
4
17
mV
Ratio of change in Vref
to change in VKA
I = 10mA
K
-1.0
-0.4
mV/V
Reference input current
Iref
(2)
I = 10mA, R1 = 10KW, R2 =
K
0.7
4.0
mA
Iref(dev)
(2)
I = 10mA, R1 = 10KW, R2 =
K
T = full range
A
0.4
1.2
mA
Minimum operating
current
IK(min)
(1)
V= V
KA
ref
1.0
mA
Off-state cathode
current
IK(off)
(3)
V
= 36V, V
= 0V
KA
ref
0.1
1
(3)
V
= 16V, V
= 0V
KA
ref
Dynamic impedance
| Z
|
KA
(1)
f 1kHz,V
=V
, I =1mA to 100mA
KA
ref
K
0.2
0.50
W
DVref
DVKA
mA
DV
= 10V to V
KA
ref
DV
= 36V to 10V
KA
-2.7
-2.0
0.4
Deviation of reference
input current over full
temperature range
Vref
Vref
A
A
MICROELECTRONICS
GM431
2.5V ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM431BST89B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431BST89R GAMMA-GM431BST89R Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431BST89RG GAMMA-GM431BST89RG Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431BST89B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com