Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6605-ATA3T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6605-ATA3T
Description  5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-ATA3T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6605-ATA3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-ATA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
APPLICATION INFORMATION
GM6605 series linear regulators provide fixed and ad-
justable output voltages at currents up to 5.0A. These
regulators are protected against over-current condi-
tions and include thermal shutdown protection. The
GM6605 has a composite PNP-NPN output transistor
and require an output capacitor for stability.
A detailed procedure for selecting this capacitor is as
followed.
Stability Considerations
The output compensation capacitor helps to determine
three main characteristics of a linear regulator's perfor-
mance: start-up delay, load transient response, and
loop stability. The capacitor value and type is based on
cost, availability, size, and temperature constraints. A
tantalum or aluminum electrolytic capacitor is pre-
ferred, as a film or ceramic capacitor with almost zero
ESR can cause instability. An aluminum electrolytic ca-
pacitor is the least expensive type. But when the circuit
operates at low temperatures, both the value and ESR
of the capacitor will vary widely. For optimum perfor-
mance over the full operating temperature range, a tan-
talum capacitor is the best. A 22µF tantalum capacitor
will work fine in most applications. But with high current
regulators, such as GM6605 higher capacitance values
will improve the transient response and stability. Most
applications for Gm6605 involve large changes in load
current, so the output capacitor must supply instanta-
neous load current. The ESR of the output capacitor
causes an immediate drop in output voltage given by:
In microprocessor applications an output capacitor net-
work of several tantalum and ceramic capacitors in par-
allel is commonly used. This reduces overall ESR and
minimizes the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be placed as close to the load as possible for
the best results.
Protection Diodes
When large external capacitors are used with most
linear regulator, it is wise to add protection diodes. If
the input voltage of the regulator is shorted, the out-
put capacitor will discharge into the output of the reg-
ulator. The discharge current depends on the value
of capacitor, output voltage, and rate at which V
IN
drops.
In GM6605 linear regulators, the discharge path is
through a large junction, and protection diodes are
normally not needed. However, if the regulator is
used with large output capacitance values and the in-
put voltage is instantaneously shorted to ground,
damage can occur. In this case, a diode connected
as shown above in Figure 1.
DV = I x ESD
D
(a),(b)
Figure 1
Protection Diode Scheme for
Large Output Capacitors
(a) Fixed Version
(b) Adjustable Version
V
IN
V
OUT
C
ADJ
GM6605-Adj
ADJ
V
IN
V
OUT
C1
C2
R1
R2
GM6605-3.3
GND
V
IN
V
OUT
C1
IN4002
C2
V
IN
V
OUT
IN4002


Similar Part No. - GM6605-ATA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-ATA3T ETC1-GM6605-ATA3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-ATA3T GAMMA-GM6605-ATA3T Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-ATA3TG GAMMA-GM6605-ATA3TG Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6605-ATA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com