Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM5510C-2.0ST23R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM5510C-2.0ST23R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510C-2.0ST23R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM5510C-2.0ST23R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM5510C-2.0ST23R Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Supply Current vs. Input voltage
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
Input Voltage: V
(V)
IN
GM5510C-18(1.8V)
25°C
-40°C
T = 85°C
A
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
Input Voltage: V
(V)
IN
GM5510C-27(2.7V)
T = 85°C
A
25°C
-40°C
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
Input Voltage: V
(V)
IN
GM5510C-36(3.6V)
T = 85°C
A
25°C
-40°C
(2) Detect, Release Voltage vs. Ambient Temperature
1.90
1.85
1.80
1.75
-50
-25
0
25
50
75
100
V
DR
V
DR
Ambient Temp.: T (°C)
A
2.80
2.75
2.70
2.65
-50
-25
0
25
50
75
100
V
DR
V
DR
Ambient Temp.: T (°C)
A
3.8
3.7
3.6
3.5
-50
-25
0
25
50
75
100
V
DR
V
DR
Ambient Temp.: T (°C)
A
(3) Output Voltage vs. Input Voltage
(4) N-ch Driver Output current vs. VDS
T = 25°C
A
2
1
0
0
1
2
Input Voltage: V
(V)
IN
3
2
1
0
0
1
2
3
T = 25°C
A
Input Voltage: V
(V)
IN
0
1
2
3
4
Input Voltage: V
(V)
IN
4
3
2
1
0
T = 25°C
A
T = 25°C
A
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
V
(V)
DS
V
= 1.5V
IN
1.0V
30
25
20
15
10
5
0 0
0.5
1.0
1.5
2.0
2.5
3.0
T = 25°C
A
V
= 2.5V
IN
2.0V
1.5V
1.0V
V
(V)
DS
0
0.5
1.0
1.5
2.0
2.5
3.0
40
30
20
10
0
V
(V)
DS
T = 25°C
A
V
= 3.0V
IN
2.5V
2.0V
1.5V
GM5510C-18(1.8V)
GM5510C-27(2.7V)
GM5510C-36(3.6V)
GM5510C-18(1.8V)
GM5510C-27(2.7V)
GM5510C-36(3.6V)
GM5510C-18(1.8V)
GM5510C-27(2.7V)
GM5510C-36(3.6V)


Similar Part No. - GM5510C-2.0ST23R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510C-2.0ST23R GAMMA-GM5510C-2.0ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-2.0ST23RG GAMMA-GM5510C-2.0ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5510C-2.0ST23R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com