Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432AS8B Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM432AS8B
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432AS8B Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM432AS8B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 10Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 11Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 12Page - Gamma Microelectronics Inc. GM432AS8B Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 14. Test Circuit - Small - Signal Gain
and Phase
+
-
10 µF
15k
8.25k
GM432
IK
232
OUT
GND
Figure 13. Small Signal Voltage Gain/ Phase
Margin vs. Frequency
80
60
40
20
0
-20
100
1K
10K
100K
1M
f - Frequency - Hz
0
36
72
108
144
180
I =10mA
K
T =25°C
A
9
SOT-23 PACKAGE OUTLINE DIMENSIONS
2.90 ± 0.1
0.4 ± 0.1
1.5 ± 0.05
0.95 ± 0.038
2.8 ± 0.1
1.9 ± 0.05
Unit: mm
0.65 ± 0.05
1.10 ± 0.1
0.13
0~0.1
0.8 ± 0.05
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
0.079
2.0
0.031
0.8
Inches
mm
(
)
0.035
0.9
0.037
0.95
0.037
0.95
Pad Layout
Power Management


Similar Part No. - GM432AS8B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AST23RG GAMMA-GM432AST23RG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432AST89RG GAMMA-GM432AST89RG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - GM432AS8B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com