Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6155-5.0ST25R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6155-5.0ST25R
Description  150mA LOW-NOISE LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6155-5.0ST25R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6155-5.0ST25R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6155-5.0ST25R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Applications Information
Enable/ Shutdown
Forcing EN (enable/ shutdown) high (>2V) enables the regulator. EN is compatible with CMOS logic gates. If
enable shutdown feature is not required, connect EN (pin 3) to IN (supply input, pin 1). See Figure 3.
Input Capacitor
A 1µF capacitor should be placed from IN to GND if there is more than 10 inches of wire between the input
and the acfilter capacitor or if a battery is used as the input .
Reference Bypass Capacitor
BYP (reference bypass) is connected to the internal voltage reference. A 470pF capacitor (C
) connected
BYP
from BYP to GND quiets this reference, providing a significant reduction in output noise. C
reduces the
BYP
regulator phase margin, when using C
, output capacitors of 2.2µF or greater are generally required to
BYP
maintain stability.
The start-up speed of GM6155 is inversely proportional to the size of the reference bypass capacitor.
Applications requiring a slow ramp-up of output voltage should consider larger values of C
. Likewise, if
BYP
rapid turn-on is necessary, consider omitting C
.
BYP
If output noise is not a major concern, omit C
and leave BYP open.
BYP
Output Capacitor
An output capacitor required between OUT and GND to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference bypass capacitor is used. 1.0µF minimum is recommended
when C
is not used (see Figure 2). 2.2µF minimum is recommended when C
is 470pF (see Figure 1).
BYP
BYP
Larger values improve the regulator's transient response, the output capacitor value may be increased
without limit.
The output capacitor should have an ESR (effective series resistance) of about 5W or less and a resonant
frequency above 1MHz. Ultra-low-ESR capacitors can cause a low amplitude oscillation on the output and/
or underdamped transient response. Most tantalum or aluminum electrolytic capacitors are adequate; film
types will work, but more expensive. Since many aluminum electrolytics have electrolytes that freeze at
about -30°C, solid tantalums ate recommended for operation below -25°C.
At lower values for output current, less output capacitance is required for output stability. The capacitor can
be reduced to 0.47µF for current below 10mA or 0.33µF for current below 1mA.
No-Load Stability
GM6155 will remain stable and in regulation with no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially important in CMOS RAM keep-alive applications.
Thermal Considerations
Gm6155 is designed to provide 150mA of continuous current in a very small package. Maximum power
dissipation can be calculated based on the output current and the voltage drop across the part. To determine
the maximum power dissipation of the package, use the junction-to-ambient thermal resistance of the device
and the following basic equation:
T
is the maximum junction temperature of the die, 125°C, and T is the ambient operating temperature.
J(max)
A
R
is layout dependent; Table 1 shows examples of junction-to-ambient thermal resistance for the GM6155.
qJA
P
=
D(max)
(T
- T )
J(max)
A
JA
Rq


Similar Part No. - GM6155-5.0ST25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155-5.0ST25R ETC2-GM6155-5.0ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Similar Description - GM6155-5.0ST25R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com