Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117-1.8TA3R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM1117-1.8TA3R
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-1.8TA3R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM1117-1.8TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-1.8TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS (Top View)
TO-252 (DPAK)
On fixed versions Pin 1 = GND,
on adjustable versions Pin 1 = A
Tab = VOUT
DJ
Package
Shipping
TO-252
TO-252
TO-252
TO-220
TO-220
TO-220
80
/ Tube
Units
80
/ Tube
Units
80
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
800
/ Tape & Reel
Units
800
/ Tape & Reel
Units
800
/ Tape & Reel
Units
SOT-223
SOT-223
SOT-223
SOT-223
SOT-223
SOT-223
80 Units / Tube
80 Units / Tube
80 Units / Tube
GM1117-ATC3T
GM1117-1.5TC3T
GM1117-1.8TC3T
GM1117-ATB3T
GM1117-1.5TB3T
GM1117-1.8TB3T
GM1117-ATC3R
GM1117-1.5TC3R
GM1117-1.8TC3R
GM1117-ATA3T
GM1117-1.5TA3T
GM1117-1.8TA3T
GM1117-ATA3R
GM1117-1.5TA3R
GM1117-1.8TA3R
Ordering Number
GM1117-AST3T
GM1117-1.5ST3T
GM1117-1.8ST3T
GM1117-AST3R
GM1117-1.5ST3R
GM1117-1.8ST3R
Output Voltage
TO-252
TO-252
TO-252
TO-263
TO-263
TO-263
TO-263
TO-263
TO-263
Adj
1.5
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.5
1.5
1.5
1.5
1.5
1.5
Adj
Adj
Adj
Adj
Adj
Adj
V V/VVV
= Output Voltage (50 = 5.0V, 285= 2.85V ,A =Adj )
A
= Assembly Location
Y
= Year
W W
= Weekly
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
2
VIN
VOUT
ADJ/ GND*
GM1117
VVAYWW
SOT-223
V
IN
V
OUT
ADJ/GND*
GM1117
VVAYWW
TO-220
GM1117
VVAYWW
VIN
VOUT
ADJ/ GND*
GM1117
VVAYWW
2
TO-263-2 (D PAK)
VIN
VOUT
ADJ/ GND*
ORDERING INFORMATION
* For detail Ordering Number identification, please see last page.
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM1117-1.8TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-1.8TA3R GAMMA-GM1117-1.8TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM1117-1.8TA3R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com