Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6156-3.6ST25R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6156-3.6ST25R
Description  150mA LOW-NOISE LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6156-3.6ST25R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6156-3.6ST25R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6156-3.6ST25R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
GM6156 is an efficient linear voltage regulator with ultralow
- noise output, very low dropout voltage (typically 17mV at
light loads and 165mV at 50mA), and very low ground cur-
rent (600µA at 100mA output). GM6156 provides better
than 1% initial accuracy.
Designed especially for hand-held, battery-powered de-
vices, GM6156 includes a CMOS or TTL compatible en-
able/ shutdown control input. When shutdown, power con-
sumption drops nearly to zero. Regulator ground current in-
creases only slightly in dropout, further prolonging battery
life. Key features of GM6156 include a reference bypass
pin to improve its excellent low-noise performance, re-
versed-battery protection, current limiting, and over-
temperature shutdown.
The GM6156 is available in SOT-25 package.
Application
Features
Very low noise output
High output voltage accuracy
Extremely accurate output voltage
Guaranteed 150mA output
Low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Reverse-battery protection
"Zero" off-mode current
Logic-controlled electronic enable
TYPICAL APPLICATION CIRCUITS
www.gammamicro.com
1
Cellular telephones
Laptop, notebook, and palmtop computers
Battery-powered equipment
PCMCIA V
and V
regulation/ switching
CC
PP
Consumer/ personal electronics
SMPS post-regulator/ dc-to-dc modules
High-efficiency linear power supplies
Low-Noise Operation:
C
= 470pF, C
2.2µF
BYP
OUT
Basic Operation:
C
= not used, C
1µF
BYP
OUT
1
2
3
4
5
EN
GND
VOUT
C
= 2.2µF
IN
(tantalum)
Enable
Shutdown
BYP
VIN


Similar Part No. - GM6156-3.6ST25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
List of Unclassifed Man...
GM6155-2.5ST25R ETC2-GM6155-2.5ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155-2.5ST25R GAMMA-GM6155-2.5ST25R Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
List of Unclassifed Man...
GM6155-2.7ST25R ETC2-GM6155-2.7ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Similar Description - GM6156-3.6ST25R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com