Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432CS8R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM432CS8R
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432CS8R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM432CS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM432A (0.5%)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference input Voltage
Vref
1.234
1.222
1.240
1.246
1.258
V
(1)
V
= V
, I = 10 mA, T = 25°C
KA
ref
K
A
(1)
V
=V
,I =10 mA,T = 0 to +70°C
KA
ref K
A
V
temp deviation
ref
Vdev
(1)
V
= V
, I = 10 mA
KA
ref
K
10
25
mV
Ratio of change in V
ref
to change in V
KA
I = 10mA, DV
= 16V to V
K
KA
ref
-1.0
- 2.7
mV/V
Reference input current
Iref
(2)
I = 10mA, R1 = 10KW, R2 =
K
0.15
0.5
mA
Deviation of reference
input voltage over full
temperature range
Iref(dev)
(2)
I = 10mA, R1 = 10KW, R2 =
K
T = full range
A
0.1
0.4
mA
Minimum operating
current
IK(min)
(1)
V= V
KA
ref
80
mA
Off-state cathode
current
IK(off)
(3)
V
= 6V, V
= 0V
KA
ref
0.125
0.150
(3)
V
= 16V, V
= 0V
KA
ref
Dynamic impedance
| Z
|
KA
(1)
f 1kHz,V
=V
, I =100mA to 100mA
KA
ref
K
0.05
0.15
W
DVref
DVKA
mA
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference input Voltage
Vref
(1)
V
= V
, I = 10 mA, T = 25°C
KA
ref
K
A
1.228
1.215
1.240
1.252
1.258
V
(1)
V
=V
,I =10 mA,T = 0 to +70°C
KA
ref K
A
V
temp deviation
ref
Vdev
(1)
V
= V
, I = 10 mA
KA
ref
K
10
25
mV
Ratio of change in Vref
to change in VKA
I = 10mA, DV
= 16V to V
K
KA
ref
mV/V
Reference input current
Iref
(2)
I = 10mA, R1 = 10KW, R2 =
K
0.15
0.5
mA
Iref(dev)
(2)
I = 10mA, R1 = 10KW, R2 =
K
T = full range
A
0.1
0.4
mA
Minimum operating
current
IK(min)
(1)
V= V
KA
ref
80
mA
Off-state cathode
current
IK(off)
(3)
V
= 6V, V
= 0V
KA
ref
0.125
0.135
0.150
0.150
(3)
V
= 16V, V
= 0V
KA
ref
Dynamic impedance
| Z
|
KA
(1)
f 1kHz,V
=V
, I =100mA to 100mA
KA
ref
K
0.05
0.15
W
DVref
DVKA
mA
GM432B (1.0%)
NOTES:
(1) See test circuit 1 on page 4.
(2) See test circuit 2 on page 4.
(3) See test circuit 3 on page 4.
20
0.135
0.150
20
4
GM432A (0.5%)
Deviation of reference
input voltage over full
temperature range
-1.0
- 2.7
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432CS8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
GTM CORPORATION
GM432 GTM-GM432 Datasheet
317Kb / 5P
   ADJUSTABLE SHUNT REGULATOR
logo
E-Tech Electronics LTD
GM432 ETL-GM432 Datasheet
326Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM432 GSME-GM432 Datasheet
275Kb / 3P
   SOT-23 TRANSISTOR
logo
Gamma Microelectronics ...
GM432A GAMMA-GM432A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM432CS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com