Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432CS8R Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM432CS8R
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432CS8R Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM432CS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM432CS8R Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VIN
R
VOUT
GM432
R1
R2
GND
VREF
TYPICAL APPLICATION CIRCUIT
Notes:
1. Set V
according to the following equation:
OUT
V
= V
( 1 +
)+ I
R1
OUT
REF
REF
2. Choose the value for R as follows:
The maximum limit for R should be such that the cathode current, I , is greater
K
than the minimum operating current (80µA) at V
*
IN(MIN)
The minimum limit for R should be such that the cathode current, I , does not
K
exceed 100mA under all load conditions, and the instantaneous turn-on value
for I
does not exceed 150 mA. Both of the following conditions must be met:
K
Rmin
(to limit instantaneous turn-on I )
K
Rmin
(to limit I under normal operating conditions)
K
R1
R2
VIN(max)
150mA
V-V
IN(max)
OUT
I
+100mA
OUT(min)
7
Typical Performance Characteristics
Figure 9. Cathode Current vs.
Cathode Voltage
15
10
5
0
-5
-10
-2
-1
0
0.5
1
1.5
V
Cathode Voltage (V)
KA
V
=V
KA
REF
T
=25°C
A
Cathode Voltage (V)
Figure 10. Cathode Current vs.
Cathode Voltage
200
175
150
125
100
75
50
25
0
-25
-50
-1
-0.5
0
0.5
1
1.5
I min
V=V
KA
REF
T
=25 C
A
T , Junction Temperature - C
J
Figure 11. Ref. Voltage vs. Junction
Temperature
250
200
150
100
50
0
0
10
20
3 0
40
50
6 0
70
I =10 mA
K
R1=10KW
R2= Open
T , Junction Temperature - C
J
Figure 12. Ref. Input Current vs.
Junction Temperature
1.2440
1.2420
1.2400
1.2380
1.2360
1.2340
0
10
20
3 0
40
50
6 0
70
I =10 mA
K
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432CS8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
GTM CORPORATION
GM432 GTM-GM432 Datasheet
317Kb / 5P
   ADJUSTABLE SHUNT REGULATOR
logo
E-Tech Electronics LTD
GM432 ETL-GM432 Datasheet
326Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM432 GSME-GM432 Datasheet
275Kb / 3P
   SOT-23 TRANSISTOR
logo
Gamma Microelectronics ...
GM432A GAMMA-GM432A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM432CS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com