Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1431AS8T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM1431AS8T
Description  ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1431AS8T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM1431AS8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1431AS8T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM1431C (2.0%)
NOTES:
(1) See test circuit 1.
(2) See test circuit 2.
(3) See test circuit 3.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Input Voltage
Vref
(1)
V
= V
, I = 10 mA, T = 25°C
KA
ref
K
A
2.45
2.500
2.55
V
(1)
V
=V
,I =10 mA,T = 0 to 70°C
KA
ref K
A
V
temp deviation
ref
Vdev
(1)
V
= V
, I = 10 mA , T = full range
KA
ref
K
A
4
17
mV
Ratio of change in Vref
to change in VKA
I = 10mA
K
-1.0
-0.4
mV/V
Reference input current
Iref
(2)
I = 10mA, R1 = 10KW, R2 =
K
1.3
4.0
mA
Iref(dev)
(2)
I = 10mA, R1 = 10KW, R2 =
K
T = full range
A
0.4
1.2
mA
Minimum operating
current
IK(min)
(1)
V= V
KA
ref
1.0
mA
Off-state cathode
current
IK(off)
(3)
V
= 36V, V
= 0V
KA
ref
0.1
1
(3)
V
= 16V, V
= 0V
KA
ref
Dynamic impedance
| Z
|
KA
(1)
f 1kHz,V
=V
, I =100mA to 100mA
KA
ref
K
0.2
0.50
W
DVref
DVKA
mA
DV
= 10V to V
KA
ref
DV
= 36V to 10V
KA
-2.7
-2.0
0.4
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Deviation of reference
input current over full
temperature range
TEST CIRCUITS
VIN
VKA
lk
Test Circuit 1
V
= V
KA
ref
lref
R2
VIN
VKA
R1
Vref
lref
Test Circuit 2
V
> V
KA
ref
l (off)
k
VIN
VKA
Test Circuit 3
Off-State
Vref
Vref
Power Management


Similar Part No. - GM1431AS8T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AS8T ETC-GM1431AS8T Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results

Similar Description - GM1431AS8T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com