Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3255S8T Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM3255S8T
Description  1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3255S8T Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM3255S8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 13Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 14Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 15Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Another solution to the current limiting problem is to
externally measure the current through the switch us-
ing a sense resistor. Such a circuit is illustrated in
Figure 13.
The switch current is limited to
Where:
V
= the base - emitter voltage drop of Q1, typi-
BE(Q1)
cally 0.65V.
The improved circuit does not require a require a
regulated voltage to operate properly. Unfortunately, a
price must be paid for this convenience in the overall
efficiency of the circuit. The designer should note that
the input and output grounds are no longer common.
Also, the addition of the current sense resistor,
R
, results in a considerable power loss which in-
SENSE
crease with the duty cycle. Resistor R2 and capacitor
C3 form a low - pass filter to remove noise.
Subharmonic Oscillation
Subharmonic oscillation (SHM) is a problem found
in Current-mode control systems, where instability re-
sults when duty cycle exceeds 50%. SHM only occurs
in switching regulators with a continuous inductor cur-
rent. This instability is not harmful to the converter
and usually does not affect the output voltage regula-
tion. SHM will increase the radiated EM noise from
the converter and can cause, under certain circum-
stances, the inductor to emit high - frequency audile
noise.
SHM is an easily remedied problem. The rising slope
of the inductor current is supplemented with internal
“slope compensation” to prevent any duty cycle insta-
bility from carrying through to the next switching cycle.
In the GM3255, slope compensation is added during
the entire switch on-time, typically in the amount of
180 mA/µs.
Figure 13.Current Limiting using a
Current Sense Resistor
VC
RSENSE
Q1
VCC
R1
VIN
C2
C1
R2
C3
Output
Ground
PGND
AGND
+
-
I
=
SWITCH(PEAK)
V
BE(Q1)
R
ESENSE
In some cases, SHM can rear its ugly head despite
the presence of the onboard slope compensation. The
simple cure to this problem is more slope compensa-
tion avoid the unwanted oscillation. In that case, an ex-
ternal circuit, shown in Figure 14, can be added to in-
crease the amount of slope compensation used. This
circuit requires only a few components and is "tacked
on" to the compensation network.
The dashed box contains the normal compensation
circuitry to limit the bandwidth of the error amplifier.
Resistors R2 and R3 form a voltage divider off of the
V
pin. In normal operation V
looks similar to a
SW
SW
square wave, and is dependent on the converter topol-
ogy.
Formulas for calculating V
in the boost and flyback
SW
topologies are given in the section "V
Voltage Limit."
SW
The voltage on V
charges capacitor C3 when the
SW
switch is off, causing the voltage at the V pin to shift
C
upwards. When the switch turns on, C3 discharges
through R3, producing a negative slope at the V
pin.
C
The negative slope provides the slope compensation.
The amount of slope compensation added by this cir-
cuit is
VSW
Figure 14. Technique for Increasing Slope
Compensation
VC
R1
C2
C1
R2
R3
VSW
C3
DI
DT
= V
(
) (1 - e
) (
)
SW
R3
R2 + R3
-(1 - D)
RCf
33 SW
f
SW
(1 - D) R A
EV
11


Similar Part No. - GM3255S8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3255 GAMMA-GM3255 Datasheet
2Mb / 1P
   PWM Switching Regulators
More results

Similar Description - GM3255S8T

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
   1.5A, 280kHz, Boost Regulator
logo
ADDtek Corp
AMC3202 ADDTEK-AMC3202 Datasheet
247Kb / 11P
   1.5A 280kHz BOOST REGULATORS
AUGUST 2006
logo
Tiger Electronic Co.,Lt...
AMC3202DMF TGS-AMC3202DMF Datasheet
349Kb / 6P
   1.5A 280kHz Boost Regulators
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
   High Efficiency Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
   High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
   High Efficiency 2.0A Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
   High Efficiency 2.4A Boost DC/DC Convertor
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com