Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3255S8T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM3255S8T
Description  1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3255S8T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM3255S8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM3255S8T Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
When the power switch turns off, there exists a volt-
age spike superimposed on top of the steady-state
voltage. Usually, this voltage spike is caused by
transformer leakage inductance charging stray ca-
pacitance between the V
and PGND pins. To pres-
SW
ent the voltage at the V
pin from exceeding the
SW
maximum rating, a transient voltage suppressor in
series with a diode is paralleled with the primary
windings. Another method of clamping switch volt-
age is to connect a transient voltage suppressor be-
tween the V
pin and ground.
SW
Magnetic Component Selection
When choosing a magnetic component, one must
consider factors such as peak current, core and fer-
rite material, output voltage ripple, EMI, temperature
range, physical size, and cost. In boost circuits, the
average inductor current is the product of output cur-
rent and voltage gain (V
/ V
), assuming 100%
OUT
CC
energy transfer efficiency. In continuous conduction
mode, inductor ripple current is
where:
f = 280kHz.
The peak inductor current is equal to average cur-
rent plus half of the ripple current, which should not
cause inductor saturation. The above equation can
also be referenced when selecting the value of the
inductor based on the tolerance of the ripple current
in the circuits. Small ripple current provides the bene-
fits of small input capacitors and greater output cur-
rent capability. A core geometry like a rod or barrel is
prone to generating high magnetic field radiation,
but is relatively cheap and small. Other core geome-
tries, such as toroids, provide a closed magnetic
loop to prevent EMI.
Input Capacitor Selection
In boost circuits, the inductor becomes part of the
input filter, as shown in Figure 11. In continuous
mode, the input current waveform is triangular and
does not contain a large pulsed current, During con-
tinuous conduction mode, the peak to peak inductor
ripple current is given in the previous section.
In
most applications, input capacitors in the range of
10µF to 100µF with an ESR less than 0.3W work
well up to a full 1.5A switch current.
The phase lead provided by this zero ensures that
the loop has at least a 45°C phase margin at the cross-
over frequency. Therefore, this zero should be placed
close to the pole generated in the power stage, which
can be identified at frequency:
where:
The high frequency pole, f , can be placed at the out-
P2
put filter's ESR zero or at half the switching frequency.
Placing the pole at this frequency will cut down on
switching noise. The frequency of this pole is deter-
mined by the value of C2 and R1:
One simple method to ensure adequate phase margin
is to design the frequency response with a - 20 dB per
decade slope, until unity-gain crossover. The crossover
frequency should be selected at the midpoint between
f
and f
where the phase margin is maximized.
Z1
P2
V
Voltage Limit
SW
In the boost topology, V
pin maximum voltage is set
SW
by the maximum output voltage plus the output diode
forward voltage. The diode forward voltage is typically
0.5V for Schottky diodes and 0.8V for ultrafast diodes
Where:
Where:
N = transformer turns ratio, primary over secondary
C = equivalent output capacitance of the error
O
amplifier 120pF;
R
= load resistance.
LOAD
f
=
P1
1
2pCR
O LOAD
V
= V
+ V
SW(MAX)
OUT(MAX)
F
V = output diode forward voltage.
F
In the flyback topology, peak V
voltage is governed by:
SW
V
= V
+ (V
+ V ) X N
SW(MAX)
CC(MAX)
OUT
F
f
=
P2
1
2pC1R1
Frequency(LOG)
f
P1
F
P2
f
Z1
Figure 10. Bode Plot of the Compensation
Network Shown in Figure 9.
I
=
RIPPLE
V
(V
- V
)
CC
OUT
CC
( f )( L )(V
)
OUT
9


Similar Part No. - GM3255S8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3255 GAMMA-GM3255 Datasheet
2Mb / 1P
   PWM Switching Regulators
More results

Similar Description - GM3255S8T

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
   1.5A, 280kHz, Boost Regulator
logo
ADDtek Corp
AMC3202 ADDTEK-AMC3202 Datasheet
247Kb / 11P
   1.5A 280kHz BOOST REGULATORS
AUGUST 2006
logo
Tiger Electronic Co.,Lt...
AMC3202DMF TGS-AMC3202DMF Datasheet
349Kb / 6P
   1.5A 280kHz Boost Regulators
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
   High Efficiency Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
   High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
   High Efficiency 2.0A Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
   High Efficiency 2.4A Boost DC/DC Convertor
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com