Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432 Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM432
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432 Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM432 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SOT-89
REF
CATHODE
1
ANODE
2
3
GM432G
AYWW
TO-92
GM
432G
AYWW
12
3
1. REF
2. Anode
3. Cathode
SOT-23
XXXYW
SOT-23
SOT-25
SOP-8
SOT-89
SOT-23
SOT-25
TO-92
TO-92
SOP-8
SOT-89
SOT-23
SOT-25
TO-92
TO-92
SOP-8
MAA
MAA
MAB
MAB
MAC
MAC
MAA
MAA
MAB
MAB
MAB
MAB
MAC
MAC
MAC
3,000 Units/Tape &Reel
3,000 Units/Tape &Reel
2,500
/Tape & Reel
Units
1,000
/ Tape & Reel
Units
GM432AST23R
GM432AST25R
GM432BST23R
GM432BST25R
GM432CST23R
GM432CST25R
GM432AS8R
GM432BS8R
GM432CS8R
GM432AST89R
GM432BST89R
0.5%
0.5%
TO-92
TO-92
MAA
MAA
A
A
1,000 Units/ ESD Bag
2,000 Units/ Ammo Pack(Tape)
GM432AT92B
GM432BT92B
GM432CT92B
GM432AT92RL
GM432BT92RL
GM432CT92RL
0.5%
0.5%
0.5%
0.5%
1%
1%
2%
2%
1%
1%
1%
1%
2%
2%
2%
3,000
/Tape &Reel
Units
3,000
/Tape &Reel
Units
2,500
/Tape & Reel
Units
1,000
/ Tape & Reel
Units
2,000 Units/ Ammo Pack(Tape)
3,000
/Tape &Reel
Units
3,000
/Tape &Reel
Units
2,500
/Tape & Reel
Units
2,000 Units/ Ammo Pack(Tape)
B
B
C
C
XXX = Marking Code
G**
= Grade
A
= Assembly Location
Y
= Year
WW, W= Weekly
XXXYW
ANODE
REF
SOT-25(SOT-23-5)
Device code
Grade
Package
Shipping
Ordering Number Precision
SOP-8
1
2
3
4
8
7
6
5
ANODE
REF
ANODE
NC
CATHODE
ANODE
NC
ANODE
GM432G
AYWW
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
2
ORDERING INFORMATION
1
3
2
5
4
NC
NC CATHODE
Anode
Cathode
2
3
REF
1
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
SOT-89
MAC
GM432CST89R
2%
1,000
/ Tape & Reel
Units
* For detail Ordering Number identification, please see last page.
**Grade A: indicates Precision of 0.5%, B: indicates Precision of 1%, C: indicates Precision of 2%
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
GTM CORPORATION
GM432 GTM-GM432 Datasheet
317Kb / 5P
   ADJUSTABLE SHUNT REGULATOR
logo
E-Tech Electronics LTD
GM432 ETL-GM432 Datasheet
326Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM432 GSME-GM432 Datasheet
275Kb / 3P
   SOT-23 TRANSISTOR
logo
Gamma Microelectronics ...
GM432A GAMMA-GM432A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM432

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com