Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3842A Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM3842A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3842A Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM3842A Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 9Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 10Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 11Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 12Page - Gamma Microelectronics Inc. GM3842A Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
When designing a high power switching regulator, it becomes desirable to reduce the internal clamp voltage in
order, to keep a reasonable level of power dissipation of R . Adjusting the internal clamp voltage is very simple,
S
as shown in Figure 11. The two external diodes compensate the internal diodes so you get a constant clamp
voltage over temperature. Avoid too much reduction of the I
clamp voltage, or you will get noise pickup and
pk(max)
erratic results.
A narrow spike on the leading edge of the current waveform often occurs and can cause the power supply
instability when the output load is light. This spike is caused by power transformer interwinding capacitance and
output rectifier recovery time. You can eliminate this problem by adding an RC filter on the Current Sense Input,
with a time constant similar to the spike's duration; see Figure 16.
Undervoltage Lockout
Two UVLO comparators in GM384XA series assure that the chips are fully functional before the output stage is
enabled. The positive power supply terminal (V
) and the reference output (V ) have separate comparators.
CC
ref
Each has built-in hysteresis to prevent erratic output behavior as their thresholds are reached. The V
CC
comparator's upper and lower thresholds are 16 V/10 V for GM3842A and GM3844A, and 8.4V/7.6V for
GM3843A and GM3845A.
The V
comparator's upper and lower thresholds are 3.6V/3.4 V. The large hysteresis and low startup current of
ref
the GM3842A and GM3844A makes them ideal
for off-line converter applications where efficient bootstrap
startup is required.
GM3843A and GM3845A are intended for lower voltage DC-to-DC converter applications. A 36 V zener is
connected as a shunt regulator from V
to ground. Its purpose is to protect the IC from excessive voltage that
CC
can occur during system startup. The minimum operating voltage for GM3842A
and GM3844A is 11V; for
GM3843A and GM3845A it is 8.2V.
Output
GM384XA series has a single totem pole output stage that was designed for direct drive of power MOSFETs. It
provides up to ±1.0 A peak drive current and has a typical rise/ fall time of 50 ns with a 1.0 nF load. Additional
internal circuitry keeps the output in a sinking mode whenever a UVLO is active. This eliminates the need for an
external pull-down resistor.
Reference
The 5.0 V bandgap reference is trimmed to ±1.0% tolerance at T = 25°C on the GM384XA series. Its primary
J
purpose is to supply charging current to the oscillator timing capacitor. The reference has short circuit protection
and it can provide more than 20mA for powering additional control system circuitry.
Design Considerations
Do not make your converter to use wire-wrap or plug-in prototype boards. High-frequency circuit layout
techniques must be observed to prevent pulsewidth jitter. This is usually caused by excessive noise pick-up
imposed on the Current Sense or Voltage Feedback inputs. You can improve noice immunity by lowering circuit
impedances at these points. The PCB layout should have a ground plane with low-current signal and high-
current switch and output grounds returning on separate paths to the input filter capacitor. Ceramic bypass
capacitors (0.1 µF) connected directly to V
, V , and V
may be required, depending upon circuit layout, to
CC
C
ref
provide a low impedance path for filtering high frequency noise. All high-current loops should be as short as
possible and use heavy copper runs to minimize radiated EMI. The Error Amp compensation circuitry and the
converter output voltage divider should be placed as close as possible to the GM384XA, and as far as possible
from the power switch and other noise- generating components.
9


Similar Part No. - GM3842A

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
GM3842AD8T GAMMA-GM3842AD8T Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
GM3842AS8R GAMMA-GM3842AS8R Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
GM3842AS8T GAMMA-GM3842AS8T Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
GM3842A GAMMA-GM3842A_1 Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - GM3842A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com