Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881-B7638-L710 Datasheet(PDF) 4 Page - EPCOS

Part # B39881-B7638-L710
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39881-B7638-L710 Datasheet(HTML) 4 Page - EPCOS

  B39881-B7638-L710 Datasheet HTML 1Page - EPCOS B39881-B7638-L710 Datasheet HTML 2Page - EPCOS B39881-B7638-L710 Datasheet HTML 3Page - EPCOS B39881-B7638-L710 Datasheet HTML 4Page - EPCOS B39881-B7638-L710 Datasheet HTML 5Page - EPCOS B39881-B7638-L710 Datasheet HTML 6Page - EPCOS B39881-B7638-L710 Datasheet HTML 7Page - EPCOS B39881-B7638-L710 Datasheet HTML 8Page - EPCOS B39881-B7638-L710 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Oct 13, 2005
SAW Components
B7638
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
100,00 ...
800,00 MHz
50
57
dB
824,00 ...
849,00 MHz
56
59
dB
869,00 ...
894,00 MHz
47
50
dB
954,00 ... 1700,00 MHz
45
51
dB


Similar Part No. - B39881-B7638-L710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881-B7630-P910 EPCOS-B39881-B7630-P910 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B39881-B7637-L710 EPCOS-B39881-B7637-L710 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B39881-B7639-P710 EPCOS-B39881-B7639-P710 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
More results

Similar Description - B39881-B7638-L710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7637 EPCOS-B7637 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com