Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L61 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRD98L61
Description  CCD Image Digitizers with CDS, PGA and 12-Bit A/D
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L61 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRD98L61 Datasheet HTML 7Page - Exar Corporation XRD98L61 Datasheet HTML 8Page - Exar Corporation XRD98L61 Datasheet HTML 9Page - Exar Corporation XRD98L61 Datasheet HTML 10Page - Exar Corporation XRD98L61 Datasheet HTML 11Page - Exar Corporation XRD98L61 Datasheet HTML 12Page - Exar Corporation XRD98L61 Datasheet HTML 13Page - Exar Corporation XRD98L61 Datasheet HTML 14Page - Exar Corporation XRD98L61 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
Rev. 2.00
XRD98L61
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OB Lines
OBL[7]
OBL[6]
OBL[5]
OBL[4]
OBL[3]
OBL[2]
OBL[1]
OBL[0]
Default
0
0
0
0
0
0
0
0
1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Calibration
Avg[2]
Avg[1]
Avg[0]
Mode
LFrame
DNS[1]
DNS[0]
FastCal
Hold
ManCal
Default
1
0
1
0
0
1
1
1
0
0
The Calibration register is used to set various options for the Black Level Offset Calibration.
Avg[2:0] set the number of OB pixels to average:
000 = 4 pixels (not recommended)
100 = 64 pixels
001 = 8 pixels (not recommended)
101 = 128 pixels (default)
010 = 16 pixels (not recommended)
110 = 256 pixels
011 = 32 pixels
111 = 512 pixels
Mode=0, selects Line mode calibration (use OB pixels at start or end of each line).
Mode=1, do not use.
LFrame=0, selects Line mode calibration.
LFrame=1, do not use.
DNS[1:0] selects the Digital Noise Suppression filter setting:
00 = off,
10 = medium,
01 = narrow,
11 = wide.
FastCal=0, disables speedup convergence option of the calibration feedback loop.
FastCal=1, enables an option to speedup convergence of the calibration feedback loop.
Hold=0, normal operation of calibration feedback loop.
Hold=1, stops all updates to the Coarse and Fine offset DAC accumulators.
ManCal=0, normal operation of calibration feedback loop.
ManCal=1, enables manual calibration. The offset DACs are set to the values in the CDAC and FDAC registers.
See the Black Level Offset Calibration section for more information.
WaitA Register (Reg. 3, Address 000011)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WaitB
WL[1]
WL[0]
Default
0
0
0
0
0
0
0
0
0
1
WaitB Register (Reg. 4, Address 000100)
The WaitA and WaitB registers are concatenated to make up the Wait register.
See OB Pixel calibration section for more information.
OB Lines Register (Reg. 5, Address 000101)
The OB Lines register is used by the Offset Calibration Logic to set the number of Optical Black lines used
for Calibration in the Frame Mode. Do not use.
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WaitA
WL[11]
WL[10]
WL[9]
WL[8]
WL[7]
WL[6]
WL[5]
WL[4]
WL[3]
WL[2]
Default
0
0
0
0
0
0
0
0
0
0
Calibration Register (Reg. 2, Address 000010)


Similar Part No. - XRD98L61

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
More results

Similar Description - XRD98L61

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com