Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C270MFGAC Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1206C270MFGAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C270MFGAC Datasheet(HTML) 8 Page - Kemet Corporation

  C1206C270MFGAC Datasheet HTML 1Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 2Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 3Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 4Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 5Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 6Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 7Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 8Page - Kemet Corporation C1206C270MFGAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
20°
20°
Maximum
component rotation.
Typical
component
center line
Punched Carrier (Paper Tape) Configuration (Ceramic Chips Only):
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Variable Dimensions - Millimeters (Inches)
Note:
1. A0, B0 and T determined by the maximum dimensions to the ends of the terminals extending from the
body and/or the body dimensions of the component. The clearance between the ends of the terminals or
body of the component to the sides and depth of the cavity (A0, B0 and T) must be within 0.05mm (.002)
minimum and 0.50mm (.020) maximum. The clearance allowed must also prevent rotation of the component
within the cavity of not more than 20 degrees (see sketches A and B).
2. Tape with components shall pass around radius "R" without damage.
3. KEMET nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum.
8mm
and
12mm
1.5
+0.10, -0.0
(.059
+0.004, -0.0)
1.75 ±0.10
(.069 ±0.004)
4.0 ± 0.10
(.157 ± 0.004)
2.0 ± 0.05
(.079 ± 0.002)
0.10
(.004)
Max.
0.75
(.030)
Min.
0.75
(.030)
Min.
25 (.984)
See Note 2
Table 1
Tape
Size
D0
P0
E
P2
T1
G1
G2
R Min.
8mm
1/2
Pitch
2.0 ± 0.10
(.079 ±.004)
See Require-
ments
Section 3.3 (d)
3.5 ± 0.05
(.138 ± .002)
8.0 ± 0.3
(.315 ± 0.012)
See Note 1
Table 1
1.1mm (.043)
Max. for Paper
Base Tape and
1.6mm (.063)
Max. for Non-
Paper Base
Compositions.
See Note 3.
Tape
Size
P1
W
F
A0B0
T
8mm
4.0 ± 0.10
(0.157 ± .004)
12mm
4.0 ± 0.10
(0.157 ± .004)
12mm
Double
Pitch
8.0 ± 0.10
(0.315 ± .004)
12.0 ± 0.3
(.472 ± .012)
5.5 ± 0.05
(.217 ± .002)
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Constant Dimensions - Millimeters (Inches)
Sketch B:
Max. Component
Rotation - Front
Cross Sectional View
Sketch C:
Component Rotation - Top View
A0
B0
P1
P0
P2
D0
F
E
W
Center lines
of cavity
10 pitches cumulative
tolerance on tape
±0.2 (±0.008)
Top
Tape
Cover
T
User Direction of Feed
T1
Max. Cavity Size
See Note 1
Table 1
Bottom
Tape
Cover
G2
R
(Min.)
Sketch A:
Bending Radius
See Note 2
Table 1
CERAMIC CHIP CAPACITORS
Packaging Information
96


Similar Part No. - C1206C270MFGAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1206C2701GAC ETC2-C1206C2701GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C2702GAC ETC2-C1206C2702GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C2705GAC ETC2-C1206C2705GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C1206C270J1GACTU KEMET-C1206C270J1GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 27 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C270J5GACAUTO KEMET-C1206C270J5GACAUTO Datasheet
59Kb / 1P
   SMD Auto C0G, Ceramic, 27 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
More results

Similar Description - C1206C270MFGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com