Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T493C227M006CK6220 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T493C227M006CK6220
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T493C227M006CK6220 Datasheet(HTML) 7 Page - Kemet Corporation

  T493C227M006CK6220 Datasheet HTML 1Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 2Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 3Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 4Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 5Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 6Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 7Page - Kemet Corporation T493C227M006CK6220 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Similar Part No. - T493C227M006CK6220

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T493 KEMET-T493 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH6120 KEMET-T493D227K006CH6120 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T493X106K063AT6110 KEMET-T493X106K063AT6110 Datasheet
260Kb / 1P
   T493 HRA, Tantalum, MnO2 Tantalum, HRA, 10 uF, 10%, 63 VDC, SMD, MnO2, Molded, High Reliability, N/A, 600 mOhms, 7343, Height Max = 4.3mm
10/20/2022
logo
Texas Instruments
T493X107K016CH612A TI-T493X107K016CH612A Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - T493C227M006CK6220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com