Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X476M050ASE030 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T510X476M050ASE030
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X476M050ASE030 Datasheet(HTML) 5 Page - Kemet Corporation

  T510X476M050ASE030 Datasheet HTML 1Page - Kemet Corporation T510X476M050ASE030 Datasheet HTML 2Page - Kemet Corporation T510X476M050ASE030 Datasheet HTML 3Page - Kemet Corporation T510X476M050ASE030 Datasheet HTML 4Page - Kemet Corporation T510X476M050ASE030 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Embossed Carrier Tape Configuration (cont.)
Sketch D: Tape Camber (Top View)
Allowable camber to be 1 mm/250 mm.
250mm (9.843)
1mm (0.039) Max.
1mm (0.039) Max.
Table 2 – REEL DIMENSIONS (Metric will govern)
Figure 3:
Reel Dimensions (Metric Dimensions will govern)
Tape Size
A Max
B* Min
C
D* Min
N Min
W
1
W
2 Max
W
3
8 mm
330.0
1.5
13.0 ± 0.20
20.2
50.0
8.4
14.4
7.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
(1.969)
+1.5, -0.0
(0.567)
(0.311)
See
(0.331
10.9 Max
Note 3
+0.059, -0.0)
(0.429)
12 mm
330.0
1.5
13.0 ± 0.20
20.2
Table 1
12.4
18.4
11.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
+2.0, -0.0
(0.724)
(0.469)
(0.488
15.4 Max
+0.078, -0.0)
(0.606)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
Figure 2:
Tape Leader
& Trailer
Dimensions
(Metric
Dimensions
Will Govern)
400mm (15.75) Min.
20°
95


Similar Part No. - T510X476M050ASE030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X476M035ATE055 KEMET-T510X476M035ATE055 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
More results

Similar Description - T510X476M050ASE030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com