Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0201C223B1PA Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0201C223B1PA
Description  CERAMIC CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C223B1PA Datasheet(HTML) 4 Page - Kemet Corporation

  C0201C223B1PA Datasheet HTML 1Page - Kemet Corporation C0201C223B1PA Datasheet HTML 2Page - Kemet Corporation C0201C223B1PA Datasheet HTML 3Page - Kemet Corporation C0201C223B1PA Datasheet HTML 4Page - Kemet Corporation C0201C223B1PA Datasheet HTML 5Page - Kemet Corporation C0201C223B1PA Datasheet HTML 6Page - Kemet Corporation C0201C223B1PA Datasheet HTML 7Page - Kemet Corporation C0201C223B1PA Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
KEMET offers Multilayer Ceramic Chip Capacitors
packaged in 8mm and 12mm plastic tape on 7" and
13" reels in accordance with EIA standard 481-1:
Taping of surface mount components for automatic
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 78
for details on reeling quantities for commercial chips
and page 87 for MIL-PRF-55681 chips.
CERAMIC CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
8mm ±.30
(.315 ±.012")
or
12mm ±.30
(.472 ±.012")
178mm (7.00")
or
330mm (13.00")
Anti-Static Reel
Embossed Carrier*
0402 and 0603 case sizes
available on punched paper only.
Embossment
Anti-Static Cover Tape
(.10mm (.004") Max Thickness)
Chip Orientation
in Pocket
(except 1825 Commercial, and 1825 & 2225 Military)
* Punched paper carrier used for 0402 and 0603 case size.
g
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 81
for details on reeling quantities for commercial chips
and page 90 for MIL-PRF-55681 chips.
KEMET
®
X
C
G
Z
Y
Grid
placement
courtyard
Z
2.14
2.78
3.30
4.50
4.50
5.90
5.90
7.00
7.00
G
0.28
0.68
0.70
1.50
1.50
2.30
2.30
3.30
3.30
X
0.74
1.08
1.60
2.00
2.90
3.70
6.90
5.50
6.80
Y(ref)
0.93
1.05
1.30
1.50
1.50
1.80
1.80
1.85
1.85
C(ref)
1.21
1.73
2.00
3.00
3.00
4.10
4.10
5.15
5.15
Z
3.18
3.70
4.90
4.90
G
0.68
0.70
1.50
1.50
X
0.80
1.10
1.40
2.00
Y(ref)
1.25
1.50
1.70
1.70
Smin
1.93
2.20
3.20
3.20
Wave Solder
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined tolerances
0402
0603
0805
1206
1210
1812
1825
2220
2225
Dimension
Not Recommended
Not Recommended
C
X
Grid
Placement
Courtyard
G
Y
Z
SURFACE MOUNT LAND DIMENSIONS - CERAMIC CHIP CAPACITORS - MM
93


Similar Part No. - C0201C223B1PA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C220J3GAC KEMET-C0201C220J3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0201C220J3GACTU KEMET-C0201C220J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 5%, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C220J8GACTU KEMET-C0201C220J8GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 5%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C220K8GACTU KEMET-C0201C220K8GACTU Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 10%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0201C223B1PA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com