Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C92IV Datasheet(PDF) 4 Page - Exar Corporation

Part # XR88C92IV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C92IV Datasheet(HTML) 4 Page - Exar Corporation

  XR88C92IV Datasheet HTML 1Page - Exar Corporation XR88C92IV Datasheet HTML 2Page - Exar Corporation XR88C92IV Datasheet HTML 3Page - Exar Corporation XR88C92IV Datasheet HTML 4Page - Exar Corporation XR88C92IV Datasheet HTML 5Page - Exar Corporation XR88C92IV Datasheet HTML 6Page - Exar Corporation XR88C92IV Datasheet HTML 7Page - Exar Corporation XR88C92IV Datasheet HTML 8Page - Exar Corporation XR88C92IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
XR88C92/192
4
Rev. 1.33
SYMBOL DESCRIPTION (* 44 pin LQFP)
RXA,RXB
35,11
29,5
I
Serial data input. The serial information (data) received from
serial port to XR88C92/192 receive input circuit. A mark (high)
is logic one and a space (low) is logic zero.This input must
be held at logic one when idle and during power down.
TXA,TXB
33,13
28,6
O
Serial data output. The serial data is transmitted via this pin
with additional start , stop and parity bits. This output will be
held in mark (high) state during reset, local loop back mode
or when the transmitter is disabled.
RESET
38
32
I
Master Reset (active high). A high on this pin will reset all the
outputs and internal registers. The transmitter output and
the receiver input will be disabled during reset time.
OP0
32
27
O
Multi-purpose output. General purpose output or Channel A
Request-To-Send (-RTSA active low).
OP1
14
7
O
Multi-purpose output. General purpose output or Channel B
Request-To-Send (-RTSB active low).
OP2
31
26
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Confiuration Register bits 1,0;
TxAClk1 -Transmit 1X clock.
TxAClk16 -Transmit 16X clock
RxAClk1 -Receive 1X clock
OP3
15
8
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Confiuration Register bits 3,2;
C/T -Counter timer output (Open drain output)
TxBClk1 -Transmit 1X clock
RxBClk1 -Receive 1X clock
OP4
30
25
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Confiuration Register bit 4;
-RxARDY -Receive ready signal (Open drain output)
-RxAFULL - Receive FIFO full signal (Open drain output)
Symbol
Pin
Signal
Pin Description
44
44*
type


Similar Part No. - XR88C92IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C92IV EXAR-XR88C92IV Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR88C92IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com