Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C681 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR88C681
Description  CMOS Dual Channel UART (DUART)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681 Datasheet(HTML) 4 Page - Exar Corporation

  XR88C681_06 Datasheet HTML 1Page - Exar Corporation XR88C681_06 Datasheet HTML 2Page - Exar Corporation XR88C681_06 Datasheet HTML 3Page - Exar Corporation XR88C681_06 Datasheet HTML 4Page - Exar Corporation XR88C681_06 Datasheet HTML 5Page - Exar Corporation XR88C681_06 Datasheet HTML 6Page - Exar Corporation XR88C681_06 Datasheet HTML 7Page - Exar Corporation XR88C681_06 Datasheet HTML 8Page - Exar Corporation XR88C681_06 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
XR88C681
4
Rev. 2.11
PIN DESCRIPTION
44 PLCC
40 PDIP,
CDIP
28 PDIP
Symbol
Type
Description
1
NC
No Connection.
2
1
1
A0
I
LSB of Address Input.
This input, along with Address Inputs,
A1 - A3 are used to select certain registers within the DUART
device, during READ and WRITE operations with the CPU.
3
2
IP3
(TXCA - I)
(RXCA - Z)
I
Input Port 3.
General Purpose Input - When the DUART is
operating in the I-mode, this input can also be used as the
external clock input for the Channel A Transmitter (TXCA).
When the DUART is operating in the Z-Mode, this input can
be used as the external clock input for the Channel A Receiv-
er (RXCA).
4
3
2
A1
I
Address Input.
5
4
IP1
(-CTSB)
I
Input Port 1.
General Purpose Input - This input can also be
used as the Active Low, “Channel B Clear to Send” input.
(-CTSB)
6
5
3
A2
I
Address Input.
7
6
4
A3
I
MSB of Address Input.
This input, along with Address In-
puts, A0 - A2 are used to select certain registers within the
DUART device, during READ and WRITE operations with the
CPU.
8
7
IP0
(-CTSA)
I
Input 0.
General Purpose Input - This input can also be used
as the active-low, “Channel A Clear-to-Send” input. (-CTSA)
9
8
5
-WR
I
Write Strobe (Active-Low).
A “low” on this input while -CS is
also “low” writes the contents of the Data Bus into the ad-
dressed register, within the DUART. The transfer occurs on
the rising edge of -WR.
10
9
6
-RD
I
Read Strobe (Active Low).
A “low” on this input while -CS is
also “low” places the contents of the addressed DUART regis-
ter, on the data bus.
11
10
7
RXDB
I
Receive Serial Data Input (Channel B).
The least significant
bit of the character is received first. If external receiver clock,
RXCB, is specified, the data is sampled on the rising edge of
this clock.
12
NC
No Connect.
13
11
8
TXDB
O
Transmitter Serial Data Output (Channel B).
The least sig-
nificant bit of the character is transmitted first. This output is
held in the high (marking state) when the transmitter is idle,
disabled, or when the channel is operating in the local LOOP-
BACK mode. If an external transmitter clock is specified,
TXCB, the transmitted data is shifted out of the TSR (Trans-
mitter Shift Register) on the falling the edge of this clock.


Similar Part No. - XR88C681_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C68140 EXAR-XR88C68140 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
More results

Similar Description - XR88C681_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com