Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C120MFGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C120MFGAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C120MFGAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C120MFGAC Datasheet HTML 1Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 2Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 3Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 4Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 5Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 6Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 7Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 8Page - Kemet Corporation C1210C120MFGAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP / HIGH VOLTAGE
Metric
Code
EIA Size
Code
L - Length
W - Width
B - Bandwidth
Band
Separation
2012
0805
2.0 (0.079)
± 0.2 (0.008)
1.2 (0.049)
± 0.2 (0.008)
0.5 (0.02
±0.25 (0.010)
0.75 (0.030)
3216
1206
3.2 (0.126)
± 0.2 (0.008)
1.6 (0.063)
± 0.2 (0.008)
0.5 (0.02)
± 0.25 (0.010)
N/A
3225
1210
3.2 (0.126)
± 0.2 (0.008)
2.5 (0.098)
± 0.2 (0.008)
0.5 (0.02)
± 0.25 (0.010)
N/A
4520
1808
4.5 (0.177)
± 0.3 (0.012)
2.0 (0.079
± 0.2 (0.008)
0.6 (0.024)
± 0.35 (0.014)
N/A
4532
1812
4.5 (0.177)
± 0.3 (0.012)
3.2 (0.126)
± 0.3 (0.012)
0.6 (0.024)
± 0.35 (0.014)
N/A
4564
1825
4.5 (0.177)
± 0.3 (0.012)
6.4 (0.250)
± 0.4 (0.016)
0.6 (0.024)
± 0.35 (0.014)
N/A
5650
2220
5.6 (0.224)
± 0.4 (0.016)
5.0 (0.197)
± 0.4 (0.016)
0.6 (0.024)
± 0.35 (0.014)
N/A
5664
2225
5.6 (0.224)
± 0.4 (0.016)
6.4 (0.250)
± 0.4 (0.016)
0.6 (0.024)
± 0.35 (0.014)
N/A
Outline Drawing
KEMET's High Voltage Surface Mount Capacitors are designed to withstand high voltage applications. They
offer high capacitance with low leakage current and low ESR at high frequency. The capacitors have pure tin
(Sn) plated external electrodes for good solderability. X7R dielectrics are not designed for AC line filtering
applications. An insulating coating may be required to prevent surface arcing. These components are RoHS
compliant.
Applications
Markets
• Switch Mode Power Supply
• Power Supply
• Input Filter
• High Voltage Power Supply
• Resonators
• DC-DC Converter
• Tank Circuit
• LCD Fluorescent Backlight Ballast
• Snubber Circuit
• HID Lighting
• Output Filter
• Telecommunications Equipment
• High Voltage Coupling
• Industrial Equipment/Control
• High Voltage DC Blocking
• Medical Equipment/Control
• Lighting Ballast
• Computer (LAN/WAN Interface)
• Voltage Multiplier Circuits
• Analog and Digital Modems
• Coupling Capacitor/CUK
• Automotive
APPLICATIONS
MARKETS
OUTLINE DRAWING
TABLE 1 - DIMENSIONS - MILLIMETERS (in.)
W
L
T
B
S
TIN PLATE
NICKEL PLATE
CONDUCTIVE
METALLIZATION
ELECTRODES
81


Similar Part No. - C1210C120MFGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C122J1GAC KEMET-C1210C122J1GAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C123F5GAC KEMET-C1210C123F5GAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C123J5RAC KEMET-C1210C123J5RAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C124J5RAC KEMET-C1210C124J5RAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C126K8PACTU KEMET-C1210C126K8PACTU Datasheet
59Kb / 1P
   SMD Comm X5R, Ceramic, 12 uF, 10%, 10 VDC, X5R, SMD, MLCC, Temperature Stable, Class II, 1210
More results

Similar Description - C1210C120MFGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com