Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR68C92 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR68C92
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C92 Datasheet(HTML) 5 Page - Exar Corporation

  XR68C92_05 Datasheet HTML 1Page - Exar Corporation XR68C92_05 Datasheet HTML 2Page - Exar Corporation XR68C92_05 Datasheet HTML 3Page - Exar Corporation XR68C92_05 Datasheet HTML 4Page - Exar Corporation XR68C92_05 Datasheet HTML 5Page - Exar Corporation XR68C92_05 Datasheet HTML 6Page - Exar Corporation XR68C92_05 Datasheet HTML 7Page - Exar Corporation XR68C92_05 Datasheet HTML 8Page - Exar Corporation XR68C92_05 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
XR68C92/192
5
Rev. 1.33
SYMBOL DESCRIPTION (* 44 pin LQFP)
XTAL2
37
33
31
O
Crystal input 2 or buffered clock output. See XTAL1.
RXA,RXB
35,11
31,10
29,5
I
Serial data input. The serial information (data) received from
serial port to XR68C92/192 receive input circuit. A mark
(high) is logic one and a space (low) is logic zero.This input
must be held at logic one when idle and during power down.
TXA, TXB
33,13
30,11
28,6
O
Serial data output. The serial data is transmitted via this pin
with additional start , stop and parity bits. This output will be
held in mark (high) state during reset, local loop back mode
or when the transmitter is disabled.
IP0
8
7
2
I
Multi-purpose input or Channel A Clear-To-Send (-CTSA
active low). If not used, this pin should be tied to VCC.
IP1
5
4
43
I
Multi-purpose input or Channel B Clear-To-Send (-CTSB
active low). If not used, this pin should be tied to VCC.
IP2
40
36
34
I
Multi-purpose input or Channel B receive external clock
input (received data is sampled on the rising edge of the
clock) or Timer/Counter External clock input. If not used, this
pin should be tied to VCC or GND.
IP3
3
2
41
I
Multi-purpose input or Channel A transmit external clock
input. The transmit data is clocked on the falling edge of the
clock. If not used, this pin should be tied to VCC or GND.
IP4
43
39
37
I
Multi-purpose input or Channel A receive external clock
input. The received data is clocked on the rising edge of the
clock. If not used, this pin should be tied to VCC or GND.
IP5
42
38
36
I
Multi-purpose input or Channel B transmit external clock
input. The transmit data is clocked on the falling edge of the
clock. If not used, this pin should be tied to VCC or GND.
OP0
32
29
27
O
Multi-purpose output. General purpose output or Channel A
Request-To-Send (-RTSA active low).
OP1
14
12
7
O
Multi-purpose output. General purpose output or Channel B
Request-To-Send (-RTSB active low).
OP2
31
28
26
O
Multi-purpose output. General purpose output or one of the
Symbol
Pin
Signal
Pin Description
44
40
44*
type


Similar Part No. - XR68C92_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C92CJ EXAR-XR68C92CJ Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92CP EXAR-XR68C92CP Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92CV EXAR-XR68C92CV Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92IJ EXAR-XR68C92IJ Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92IP EXAR-XR68C92IP Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C92_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com