Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV0045 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # EV0045
Description  5W - 30W Class D Mono Bridged Audio Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0045 Datasheet(HTML) 5 Page - Monolithic Power Systems

  EV0045 Datasheet HTML 1Page - Monolithic Power Systems EV0045 Datasheet HTML 2Page - Monolithic Power Systems EV0045 Datasheet HTML 3Page - Monolithic Power Systems EV0045 Datasheet HTML 4Page - Monolithic Power Systems EV0045 Datasheet HTML 5Page - Monolithic Power Systems EV0045 Datasheet HTML 6Page - Monolithic Power Systems EV0045 Datasheet HTML 7Page - Monolithic Power Systems EV0045 Datasheet HTML 8Page - Monolithic Power Systems EV0045 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP7731 – 5W – 30W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7731 Rev. 1.8
www.MonolithicPower.com
5
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 5, 11, 16
NC
No Connect – Not internally connected
2
PIN1
Amplifier 1 Positive Input. PIN1 is the positive side of the differential input to Amplifier 1.
Use a resistive voltage divider to set the voltage at PIN1 to VDD/2. See Figure 1.
3
NIN1
Amplifier 1 Negative Input. NIN1 is the negative side of the differential input to Amplifier
1. See Figure 1.
4
AGND1
Analog Ground 1. Connect AGND1 to AGND2.
6
EN1
Enable Input 1. EN1 must be connected to EN2. Drive high to enable MP7731, drive
low to disable.
7
NIN2
Amplifier 2 Negative Input. NIN2 is the negative side of the differential input to Amplifier
2. See Figure 1.
8
PIN2
Amplifier 2 Positive Input. PIN2 is the positive side of the differential input to Amplifier 2.
Use a resistive voltage divider to set the voltage at PIN2 to VDD/2. See Figure 1.
9
AGND2
Analog Ground 2. Connect AGND2 to AGND1.
10
EN2
Enable Input 2. EN2 must be connected to EN1. Drive high to enable MP7731, drive
low to disable.
12
BS2
High-Side MOSFET Bootstrap Input for Amplifier 2. A capacitor from BS2 to SW2
supplies the gate drive current to the internal high-side MOSFET. Connect a 1µF
capacitor from SW2 to BS2. See Figure 1.
13
VDD2
Power Supply Input. Bypass VDD2 to PGND2 with a 1µF X7R capacitor (in addition to
the main bulk capacitor), placed close to the IC PIN13 and PIN15.
14
SW2
Switched Power Output. SW2 is the output of Amplifier 2. Connect the LC filter to this
pin. See Figure 1.
15
PGND2
Power Ground for Amplifier 2. Connect PGND2 to PGND1. See Figure 1.
17
BS1
High-Side MOSFET Bootstrap Input for Amplifier 1. A capacitor from BS1 to SW1
supplies the gate drive current to the internal high-side MOSFET. Connect a 1µF
capacitor from SW1 to BS1. See Figure 1.
18
VDD1
Power Supply Input. Bypass VDD1 to PGND1 with a 1µF X7R capacitor (in addition to
the main bulk capacitor), placed close to the IC PIN18 and PIN20.
19
SW1
Switched Power Output. SW1 is the output of Amplifier 1. Connect the LC filter to this
pin. See Figure 1.
20
PGND1
Power Ground for Amplifier 1. Connect PGND1 to PGND2. See Figure 1.


Similar Part No. - EV0045

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
   Compact 25W Class D Stereo Bridged Audio Amplifier
More results

Similar Description - EV0045

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
   5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
   30W Class D Mono Bridged Audio Amplifier
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
   AAM 30W Class-D Bridged Audio Amplifier
logo
Monolithic Power System...
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
   50W Class D Mono Bridged Audio Amplifier
logo
Champion Microelectroni...
CM8685 CHAMP-CM8685 Datasheet
516Kb / 7P
   5W MONO CLASS D PLUSTM AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
   Filterless 30W Class D Mono Audio Amplifier
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
   50W Class D Mono Bridged Audio Amplifier Evaluation Board
logo
List of Unclassifed Man...
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
   Mono Bridged Audio Amplifier
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
   Class AB/D dual-mode, 5W mono audio amplifier
V1.0
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com