Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5014 Datasheet(PDF) 3 Page - EPCOS

Part # B5014
Description  SAW Components Low-Loss Filter 119,6 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5014 Datasheet(HTML) 3 Page - EPCOS

  B5014 Datasheet HTML 1Page - EPCOS B5014 Datasheet HTML 2Page - EPCOS B5014 Datasheet HTML 3Page - EPCOS B5014 Datasheet HTML 4Page - EPCOS B5014 Datasheet HTML 5Page - EPCOS B5014 Datasheet HTML 6Page - EPCOS B5014 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 29, 2004
SAW Components
B5014
119,6 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω and external matching network
Terminating load impedance:
ZL = 50 Ω and external matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
119,6
MHz
Minimum insertion attenuation
α
min
6,5
8,0
dB
1dB bandwidth
α
rel
≤ 1,0 dB
B1,0dB
400
kHz
Amplitude ripple (p-p)
fN ± 75 kHz
∆α
0,3
1,0
dB
Group delay ripple (p-p)
fN ± 75 kHz
∆τ
100
400
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 400 kHz
...
fN ± 600 kHz
9
15
dB
fN ± 600 kHz
...
fN ± 800 kHz
20
35
dB
fN ± 800 kHz
...
fN ± 3 MHz
26
35
dB
fN ± 3 MHz
...
fN ± 20 MHz
30
45
dB
1 MHz
...
fN − 20 MHz
55
65
dB
fN + 20 MHz
...
500 MHz
55
65
dB
Return loss (at
fN )
9
15
dB
Temperature coefficient of frequency 1)
TCf
–0,036
ppm/K2
Turnover temperature
T0
—40
˚C


Similar Part No. - B5014

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
B501 SYSTEMSENSOR-B501 Datasheet
492Kb / 2P
   Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B501 GAMEWELL-FCI-B501 Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
B501 GAMEWELL-FCI-B501 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
More results

Similar Description - B5014

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 119,6 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com