Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5000 Datasheet(PDF) 3 Page - EPCOS

Part # B5000
Description  SAW Components Low-Loss Filter 190,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5000 Datasheet(HTML) 3 Page - EPCOS

  B5000 Datasheet HTML 1Page - EPCOS B5000 Datasheet HTML 2Page - EPCOS B5000 Datasheet HTML 3Page - EPCOS B5000 Datasheet HTML 4Page - EPCOS B5000 Datasheet HTML 5Page - EPCOS B5000 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Nov 24, 2003
SAW Components
B5000
190,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 - 70 ˚C
Terminating source impedance:
ZS = 50 Ω unbalanced and matching network
Terminating load impedance:
ZL = 50 Ω unbalanced and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
190,0
MHz
Insertion attenuation at
fN
α
N
3,5
6,0
dB
(including matching network)
Passband width
α
rel ≤ 3 dB
Β
3,0dB
0,29
MHz
Amplitude ripple
∆α
rel
fN ± 70 kHz
±0,3
±1,0
dB
Group delay ripple (p-p)
∆τ
fN ± 70 kHz
0,8
µs
Relative attenuation (relative to
α
N)
α
rel
fN ± 330 kHz ... fN ± 500 kHz
27
40
dB
fN ± 500 kHz ... fN ± 50 MHz
40
50
dB
Temperature coefficient of frequency 1)
TCf
– 0,036
ppm/K2
Turnover temperature
T0
—35—
˚C


Similar Part No. - B5000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B500-AL007-P OMRON-B500-AL007-P Datasheet
1Mb / 182P
   Programmable Controllers
logo
EPCOS
B5002 EPCOS-B5002 Datasheet
69Kb / 7P
   SAW Components Low-Loss Filter 398,0 MHz
logo
First Components Intern...
B5002 FCI-B5002 Datasheet
364Kb / 2P
   50.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
DIOTEC Electronics Corp...
B5002PFA DEC-B5002PFA Datasheet
228Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
B5002PFC DEC-B5002PFC Datasheet
228Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
More results

Similar Description - B5000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com