Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4943 Datasheet(PDF) 5 Page - EPCOS

Part # B4943
Description  SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4943 Datasheet(HTML) 5 Page - EPCOS

  B4943 Datasheet HTML 1Page - EPCOS B4943 Datasheet HTML 2Page - EPCOS B4943 Datasheet HTML 3Page - EPCOS B4943 Datasheet HTML 4Page - EPCOS B4943 Datasheet HTML 5Page - EPCOS B4943 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Dec 01, 2000
SAW Components
B4943
85,38 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Normalized transfer function (wideband, balanced/balanced)


Similar Part No. - B4943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B494 ETC2-B494 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
B494 ETC2-B494 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
EPCOS
B49410A2115Q000 EPCOS-B49410A2115Q000 Datasheet
114Kb / 2P
   Single cell 110 F/ 2.5 V
B49410A2205Q000 EPCOS-B49410A2205Q000 Datasheet
113Kb / 2P
   Single cell 200 F/ 2.5 V
B49410B2126Q000 EPCOS-B49410B2126Q000 Datasheet
110Kb / 2P
   Single cell 1200 F/ 2.5 V
More results

Similar Description - B4943

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4956 EPCOS-B4956 Datasheet
118Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B4874 EPCOS-B4874 Datasheet
89Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 85,38 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com