Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4935 Datasheet(PDF) 4 Page - EPCOS

Part # B4935
Description  SAW Components Low Loss Filter for Mobile Communication 220,38 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4935 Datasheet(HTML) 4 Page - EPCOS

  B4935 Datasheet HTML 1Page - EPCOS B4935 Datasheet HTML 2Page - EPCOS B4935 Datasheet HTML 3Page - EPCOS B4935 Datasheet HTML 4Page - EPCOS B4935 Datasheet HTML 5Page - EPCOS B4935 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sep 23, 2002
SAW Components
B4935
220,38 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Transfer function (passband, single-ended/balanced):
Transfer function (narrowband, single-ended/balanced):


Similar Part No. - B4935

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4934 EPCOS-B4934 Datasheet
109Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 210,38 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
More results

Similar Description - B4935

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com