Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA669 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA669
Description  30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA669 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA669 Datasheet HTML 1Page - Solid States Devices, Inc SDA669 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDA669 __ _F_ __ __
Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
Terminals 2/ 3/ _ = Copper Leads
T = Turret Terminals
Speed
F = Fast (250 ns typ.)
Voltage J = 600 V
K = 800 V
M = 1000V
SDA669 Series
30A / 600 - 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• Up to 1000 V Blocking Voltage
• Average Output Current 30 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.875 x 0.310”)
• TX and TXV & S Level Screening Available
Ultra Fast (70ns) versions available. Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA669J
SDA669K
SDA669M
VRRM
VRSM
VR
600
800
1000
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 hz Sine Wave, TC = 55°C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
150
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RΘJC
1.0
ºC/W
1
SDA669 ( __ )
SDA669 (T)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0026C
DOC


Similar Part No. - SDA669

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA669 SSDI-SDA669 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669J SSDI-SDA669J Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669K SSDI-SDA669K Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669M SSDI-SDA669M Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA669

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167HC SSDI-SDA167HC Datasheet
45Kb / 2P
   33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA195 SSDI-SDA195 Datasheet
109Kb / 2P
   30A / 100V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA560 SSDI-SPA560 Datasheet
153Kb / 2P
   22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA667 SSDI-SDA667 Datasheet
40Kb / 2P
   40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com