Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA1501 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA1501
Description  Battery charge level indicator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1501 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA1501 Datasheet HTML 3Page - NXP Semiconductors SAA1501 Datasheet HTML 4Page - NXP Semiconductors SAA1501 Datasheet HTML 5Page - NXP Semiconductors SAA1501 Datasheet HTML 6Page - NXP Semiconductors SAA1501 Datasheet HTML 7Page - NXP Semiconductors SAA1501 Datasheet HTML 8Page - NXP Semiconductors SAA1501 Datasheet HTML 9Page - NXP Semiconductors SAA1501 Datasheet HTML 10Page - NXP Semiconductors SAA1501 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
December 1994
7
Philips Semiconductors
Objective specification
Battery charge level indicator
SAA1501T
Mode detector
This block differentiates between the available modes of
operation. The modes are given below:
Charge mode; power charge (POCH).
Discharge mode; battery load (BATLD).
Power load mode (POLD); the batteries are charged
while the load is also active.
Self discharge mode; (STANDBY).
To detect power in a regulated system (see Fig.8) the EN
signal is used for sensing. The POCH mode is recognized
when the converted charge current Ic >Iref2 (when in the
power mode, change of mode can only be recognised if
EN is HIGH). The BATLD mode is recognized when
Id >Iref2; the POLD mode is recognized when Ic >Iref2 and
Id >Iref2; the standby mode is recognized when Ic <Iref2
and Id <Iref2. In the standby mode, if the advised frequency
(4 kHz) is applied, it takes 0.5 s to determine another
mode (in all other modes, a change of mode is sensed
continuously). In all other modes an eventual change of
mode is done continuously. To save supply current during
standby, the V/I converters are switched off. With the
specific fixed intervals, the SAA1501T checks whether
power or load is connected again. This checking is
synchronized by the sensing signal of the V/I converters.
The SAA1501T can handle a DC charge current as well as
a discontinuous charge current (SMSP charger). The load
current can also be DC or interrupted, e.g. produced by a
motor. The digital filtering of both signals, to overcome
faulty mode detections, restricts the conditions in which
power and load are recognized. Because of the very
sensitive input detection level of the mode detector for a
charge current (power) in combination with the high
interference levels of motor driving, the detection level for
power (Ic >Iref2) is raised by a factor of 25 when the
batteries are loaded.
Oscillator
As the oscillator has to operate in all modes, including the
standby mode, the current consumption of the oscillator
must be very low. The same applies for the band gap
generator block, because the band gap delivers accurate
reference voltages and currents to the oscillator block.
Apart from the low current consumption, the accuracy of
the period time is important. The period time of the
oscillator is:
t
osc
2C
osc
×
V
H
V
L
()
I
ref3
---------------------------
5.6
C
osc
R
ref
×
×
=
×
=
Prescaler/controller
In the prescaler, a new system clock is created (CLK)
which is used for all timing blocks. Many frequencies are
derived from the basic oscillator at the standard frequency
of 4 kHz (1/Tosc), such as the self-discharge times and the
modulation frequency for the buzzer, the drive voltage
frequency for the LCD screen and the pulse trains for
temperature measurements and power/load sensing
measurements in the mode detector.
Temperature
In the temperature control block two temperature
measurements are performed. In order to switch off fast
charging when the battery temperature exceeds an
adjustable maximum temperature (Tmax), a maximum
temperature measurement is performed. A second
temperature measurement is performed in the standby
mode. This temperature measurement is input to the
temperature control block to switch over the self-discharge
rate from a count down of 200 days (based on fosc = 4 kHz)
if Tbattery <Tself, to a count down rate of 100 days (based
on fosc = 4 kHz) if Tbattery >Tself. In all modes the
temperature is measured periodical. The temperature
circuit which controls the above mentioned functions is a
bridge configuration synthesis, as illustrated in Fig.3.
Fig.3 Temperature circuit.


Similar Part No. - SAA1501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1502ATS PHILIPS-SAA1502ATS Datasheet
108Kb / 20P
   Safety IC for Li-ion
1998 Jan 15
SAA1504T PHILIPS-SAA1504T Datasheet
80Kb / 16P
   Safety IC
2000 Mar 07
More results

Similar Description - SAA1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78412 TI1-BQ78412_15 Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
logo
STMicroelectronics
ST3S01PHD STMICROELECTRONICS-ST3S01PHD Datasheet
611Kb / 17P
   BATTERY CHARGE I.C.
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
STMicroelectronics
ST3S01LED STMICROELECTRONICS-ST3S01LED Datasheet
603Kb / 17P
   BATTERY CHARGE I.C.
March 2003
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Texas Instruments
BQ78412 TI-BQ78412 Datasheet
717Kb / 36P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com