Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39860-B4874-Z710 Datasheet(PDF) 7 Page - EPCOS

Part # B39860-B4874-Z710
Description  SAW Components Low Loss Filter for Mobile Communication 85,38 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39860-B4874-Z710 Datasheet(HTML) 7 Page - EPCOS

  B39860-B4874-Z710 Datasheet HTML 1Page - EPCOS B39860-B4874-Z710 Datasheet HTML 2Page - EPCOS B39860-B4874-Z710 Datasheet HTML 3Page - EPCOS B39860-B4874-Z710 Datasheet HTML 4Page - EPCOS B39860-B4874-Z710 Datasheet HTML 5Page - EPCOS B39860-B4874-Z710 Datasheet HTML 6Page - EPCOS B39860-B4874-Z710 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6
May 08, 2001
SAW Components
B4874
85,38 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, OFW E MF
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 1999. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.


Similar Part No. - B39860-B4874-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39861-B3563-U410 EPCOS-B39861-B3563-U410 Datasheet
62Kb / 5P
   SAW Components Low-loss Filter
B39861-B3821-Z810 EPCOS-B39861-B3821-Z810 Datasheet
58Kb / 6P
   SAW Components Low-loss Filter 860,5 MHz
B39861-B4114-U410 EPCOS-B39861-B4114-U410 Datasheet
114Kb / 8P
   SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B39861-B4161-U410 EPCOS-B39861-B4161-U410 Datasheet
77Kb / 6P
   Low-Loss Filter for Mobile Communication
B39861-B4232-H410 EPCOS-B39861-B4232-H410 Datasheet
138Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
More results

Similar Description - B39860-B4874-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4956 EPCOS-B4956 Datasheet
118Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B4943 EPCOS-B4943 Datasheet
103Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com