Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4869 Datasheet(PDF) 3 Page - EPCOS

Part # B4869
Description  SAW Components Low Loss Filter for Mobile Communication 157,32 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4869 Datasheet(HTML) 3 Page - EPCOS

  B4869 Datasheet HTML 1Page - EPCOS B4869 Datasheet HTML 2Page - EPCOS B4869 Datasheet HTML 3Page - EPCOS B4869 Datasheet HTML 4Page - EPCOS B4869 Datasheet HTML 5Page - EPCOS B4869 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
Jun 06, 2002
SAW Components
B4869
157,32 MHz
Low Loss Filter for Mobile Communication
Data Sheet
7,0
2,54
0,6
2
1
9
8
top view
side view
bottom view
7
3
SMD ceramic package QCC12C
Features
s
Low-loss IF filter for mobile telephone
s
Channel selection in AMPS / TDMA systems
s
Filter surface passivated
s
Balanced or unbalanced operation possible
s
Package for
Surface Mounted Technology (SMT)
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,2 g
Pin configuration
12
Input
6
Output
10
Balanced input or input ground
4
Balanced output or output ground
3,9
Case ground
1,2,7,8
Not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4869
B39161-B4869-H310
C61157-A7-A52
F61074-V8038-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
13
V
Source power
Ps
10
dBm


Similar Part No. - B4869

ManufacturerPart #DatasheetDescription
logo
EPCOS
B48611A5903Q012 EPCOS-B48611A5903Q012 Datasheet
232Kb / 4P
   UltraCap, Module, 9F/28V
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
More results

Similar Description - B4869

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com