Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4235 Datasheet(PDF) 7 Page - EPCOS

Part # B4235
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4235 Datasheet(HTML) 7 Page - EPCOS

  B4235 Datasheet HTML 1Page - EPCOS B4235 Datasheet HTML 2Page - EPCOS B4235 Datasheet HTML 3Page - EPCOS B4235 Datasheet HTML 4Page - EPCOS B4235 Datasheet HTML 5Page - EPCOS B4235 Datasheet HTML 6Page - EPCOS B4235 Datasheet HTML 7Page - EPCOS B4235 Datasheet HTML 8Page - EPCOS B4235 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
July 14, 2005
SAW Components
B4235
942,5/1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( GSM1800 )
Operating temperature range:
T
= -20 to +75˚ C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 12.0 nH
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
2,4
2,7
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
1,5
1,8
dB
Input VSWR
1805,0
...1880,0
MHz
2,4
2,6
Output VSWR
1805,0
...1880,0
MHz
2,2
2,4
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,5
1,5
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-10,0
10,0
degree
Absolute attenuation
α
abs
10,0
...1000,0
MHz
40,0
50,0
dB
1000,0
...1705,0
MHz
26,0
28,0
dB
1705,0
...1785,0
MHz
10,0
17,0
dB
1920,0
...1980,0
MHz
15,0
24,0
dB
1980,0
...2030,0
MHz
24,0
28,0
dB
2030,0
...5000,0
MHz
30,0
34,0
dB
5000,0
...6000,0
MHz
25,0
30,0
dB


Similar Part No. - B4235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235 Datasheet
118Kb / 11P
   Automotive telematics
B4235 EPCOS-B4235 Datasheet
122Kb / 11P
   SAW RF filter Automotive telematics
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
   Automotive telematics
B4235 EPCOS-B4235_11 Datasheet
122Kb / 11P
   SAW RF filter Automotive telematics
More results

Similar Description - B4235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com