Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM8.2NB2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PZM8.2NB2
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM8.2NB2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PZM8.2NB2 Datasheet HTML 3Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 4Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 5Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 6Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 7Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 8Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 9Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 10Page - NXP Semiconductors PZM8.2NB2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Jan 28
7
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
GRAPHICAL DATA
Fig.2
Forward current as a function of
forward voltage; typical values.
Tj =25 °C.
handbook, halfpage
0.6
1.0
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Fig.3
Temperature coefficient as a function of
working current; typical values.
PZM2.4N to PZM4.3N.
Tj =25 °Cto150 °C.
handbook, halfpage
060
0
−2
−3
−1
MBG783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
Fig.4
Temperature coefficient as a function of
working current; typical values.
PZM4.7N to PZM12N.
Tj =25 °Cto150 °C.
handbook, halfpage
020
16
10
0
−5
5
MBG782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
Fig.5 Power derating curve.
handbook, halfpage
0
50
100
200
Ptot
(mW)
Tj (°C)
400
300
100
0
200
150
MBK204


Similar Part No. - PZM8.2NB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM8.2NB2A PHILIPS-PZM8.2NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM8.2NB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com