Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4180 Datasheet(PDF) 2 Page - EPCOS

Part # B4180
Description  SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4180 Datasheet(HTML) 2 Page - EPCOS

  B4180 Datasheet HTML 1Page - EPCOS B4180 Datasheet HTML 2Page - EPCOS B4180 Datasheet HTML 3Page - EPCOS B4180 Datasheet HTML 4Page - EPCOS B4180 Datasheet HTML 5Page - EPCOS B4180 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Jan 17, 2002
SAW Components
B4180
836,50 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Ceramic package DCC6C
Features
q
Low-loss RF filter for mobile telephone
AMPS systems, transmit path
q
Usable passband 25 MHz
q
No matching network required for operation
at 50
q
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037g
Pin configuration
2
Input
5
Output
1,3,4,6
Ground, to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4180
B39841-B4180-U410
C61157-A7-A67
F61074-V8088-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
Input power max.
PIN
15
dBm
source impedance 50
continous wave


Similar Part No. - B4180

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4181 EPCOS-B4181 Datasheet
66Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4182 EPCOS-B4182 Datasheet
74Kb / 10P
   CDMA BTS
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
B41820A2226M00 EPCOS-B41820A2226M00 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
More results

Similar Description - B4180

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4147 EPCOS-B4147 Datasheet
99Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com